Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16686 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD16686
Description  MOS INTERGRATED CIRCUIT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16686 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD16686 Datasheet HTML 35Page - Renesas Technology Corp UPD16686 Datasheet HTML 36Page - Renesas Technology Corp UPD16686 Datasheet HTML 37Page - Renesas Technology Corp UPD16686 Datasheet HTML 38Page - Renesas Technology Corp UPD16686 Datasheet HTML 39Page - Renesas Technology Corp UPD16686 Datasheet HTML 40Page - Renesas Technology Corp UPD16686 Datasheet HTML 41Page - Renesas Technology Corp UPD16686 Datasheet HTML 42Page - Renesas Technology Corp UPD16686 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
Data Sheet S15548EJ1V0DS
37
µµµµPD16686, 16687
3.6 Power Supply Circuit
3.6.1 Power supply circuit
The power supply circuit supplies the voltage needed to drive the LCD. It includes a booster, voltage regulator, and
voltage follower.
In the power supply circuit, the power system control 1 (R32) is used to control the ON/OFF status of the power supply
circuit's booster, voltage regulator (also called V regulator), and voltage follower (V/F). This makes it possible to jointly use
an external power supply together with certain functions of the on-chip power supply. Table 3-7 shows the function that
controls the 3-bit data in the power system control 1 (R32) and Table 3-7 shows a reference chart of combinations.
Table 3-7. Control Values of Bits in Power System Control 1
Status
Item
10
OP2
Booster control bit
ON
OFF
OP1
Voltage regulator (V regulator) control bit
ON
OFF
OP0
Voltage follower (V/F) control bit
ON
OFF
Table 3-8. Reference Chart of Combinations
External
Use Status
OP2 OP1 OP0
Booster
V Regulator
V/F
Power Supply
Input
Boost-Related
System Pins
<1> Use on-chip power supply
1
1
1
enable
enable
enable
VDD2
Used
<2> Use V regulator and V/F only
0
1
1
disable
enable
enable
VOUT
Not connected
<3> Use V/F only
0
0
1
disable
disable
enable
VOUT, AMPOUT
Not connected
<4> Use external power supply
0
0
0
disable
disable
disable
VOUT,
Not connected
only
VLCD to VLC4
Caution The boost-related system pins are indicated as pins C1
+, C1−−−− to C9+, C9−−−−, and C1A.
3.6.2 Booster
A booster that boosts the LCD driving voltage by 2 to 9 times is incorporated in the power supply circuit.
Since the booster uses signals from the on-chip oscillator, either the oscillator must be operating or a display clock must be
input from an external source.
The booster uses pins C1
+, C1−−−− to C9+, C9−−−− for normal boost and pins C1A and VDD2 for boost regulation. The wire
impedance should be kept as low as possible. The number of boost levels is set using the FBS2, FBS1, and FBS0 flags in
power system control 3 (R34), as shown in Table 3-9.
Caution If a capacitor is connected to a boost-related system pin that is not for one of these set boost levels,
current consumption may increase. Therefore, do not connect any capacitors beyond the number of
set boost levels. This also applies for the CA1 pin, used to regulate the boost levels.
Figure 3-12 describes the connection method for boost levels and capacitors.
The partial booster is settings are made using the BST1 and BST0 flags in the power system control 3 (R34), as shown in
Table 3-10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com