Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16686 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD16686
Description  MOS INTERGRATED CIRCUIT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16686 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD16686 Datasheet HTML 17Page - Renesas Technology Corp UPD16686 Datasheet HTML 18Page - Renesas Technology Corp UPD16686 Datasheet HTML 19Page - Renesas Technology Corp UPD16686 Datasheet HTML 20Page - Renesas Technology Corp UPD16686 Datasheet HTML 21Page - Renesas Technology Corp UPD16686 Datasheet HTML 22Page - Renesas Technology Corp UPD16686 Datasheet HTML 23Page - Renesas Technology Corp UPD16686 Datasheet HTML 24Page - Renesas Technology Corp UPD16686 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
Data Sheet S15548JJ1V0DS
19
µµµµPD16686, 16687
2. PIN I/O CIRCUITS AND RECOMMENDED CONNECTION OF UNUSED PINS
The I/O circuit type of each pin and recommended connection of unused pins are described below.
Pin Name
Input Type
I/O
Recommended Connection of Unused Pins
Notes
PSX
Schmitt trigger
Input
Mode setting pin
Note 1
/CS1
Filter
Input
Connect to VSS
−−−−
CS2
Filter
Input
Connect to VDD1
−−−−
/RD(E)
Filter
Input
Connect to VDD1 (i80 series interface), connect to VDD1 or
VSS (serial interface)
−−−−
/WR(R,/W)
Filter
Input
Connect to VDD1 or VSS (serial interface)
−−−−
C86
Schmitt trigger
Input
Mode setting pin
Note 1
D0 to D5
Filter
I/O
Leave open
−−−−
D6(SCL)
Filter
I/O
−−−−−−−−
D7(SI)
Filter
I/O
−−−−−−−−
RS
Filter
Input
Register setting pin
Note 2
TESTOUT
−−−−
Output
Leave open
−−−−
/RES
Schmitt trigger
Input
Connect to VDD1
−−−−
CLS
Schmitt trigger
Input
Mode setting pin
Note 1
IRS
Schmitt trigger
Input
Mode setting pin
Note 1
SIGIN1
Schmitt trigger
Input
Connect to VDD1 or VSS
−−−−
SIGIN2
Schmitt trigger
Input
Connect to VDD1 or VSS
−−−−
OSCIN1
CMOS
Input
−−−−−−−−
OSCIN2
CMOS
Input
Connect to VDD1 or VSS (CLS = H)
−−−−
OSCOUT
−−−−
Output
Leave open (when using external clock)
−−−−
TFR
CMOS
Output
Leave open
−−−−
TFRSYNC
CMOS
Output
Leave open
−−−−
TDOF
CMOS
Output
Leave open
−−−−
TSISYNC
CMOS
Output
Leave open
−−−−
TM,S
Schmitt trigger
Input
Connect to VDD1
−−−−
TOSCSYNC
−−−−
Output
Leave open
−−−−
TSTIFS
Schmitt trigger
Input
Connect to VSS (during normal use)
−−−−
TSTRTST
Schmitt trigger
Input
Connect to VSS (during normal use)
−−−−
TSTVIHL
Schmitt trigger
Input
Connect to VSS (during normal use)
−−−−
Notes 1. Connect to either VDD1 or VSS, depending on the mode setting.
2. Input either VDD1 or VSS output from CPU, depending on the mode setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com