Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16804GS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD16804GS
Description  MOS INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16804GS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD16804GS Datasheet HTML 5Page - Renesas Technology Corp UPD16804GS Datasheet HTML 6Page - Renesas Technology Corp UPD16804GS Datasheet HTML 7Page - Renesas Technology Corp UPD16804GS Datasheet HTML 8Page - Renesas Technology Corp UPD16804GS Datasheet HTML 9Page - Renesas Technology Corp UPD16804GS Datasheet HTML 10Page - Renesas Technology Corp UPD16804GS Datasheet HTML 11Page - Renesas Technology Corp UPD16804GS Datasheet HTML 12Page - Renesas Technology Corp UPD16804GS Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
µPD16804
7
TYPICAL CHARACTERISTICS (TA = 25
°C)
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
PT vs. TA Characteristics
Ambient temperature TA (˚C)
5
10
15
20
0
10
20
30
40
50
60
VG vs. IG Characteristics
Gate applied voltage VG (V)
– 25
– 50
0
25
50
75
100
0
0.2
0.4
0.6
0.8
1.0
1.2
RON vs. TA Characteristics
Ambient temperature TA (˚C)
IDR = 0.5 A
VDD = VM = 5 V
VDD = 5 V
5
10
15
20
0
0.2
0.4
0.6
0.8
1.0
1.2
VG vs. RON Characteristics
Gate applied voltage VG (V)
VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com