Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6669EB Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SP6669EB
Description  800mA 1.5MHz Synchronous Step-Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SP6669EB Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SP6669EB Datasheet HTML 1Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 2Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 3Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 4Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 5Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SP6669EB
800mA 1
1..5
5M
MH
Hzz S
Syyn
ncch
hrro
on
no
ou
uss S
Stteep
p--D
Do
ow
wn
n C
Co
on
nvveerrtteerr
© 2012-2021 MaxLinear, Inc.
6/6
Rev. 1.0.1
REVISION HISTORY
Revision
Date
Description
1.0.0
09/16/2010
Initial release of document
1.0.1
04/12/2021
Updated IOUT, Reformat of document (new logo), updated Manufacturer name to
MaxLinear in BOM table
CORPORATE HEADQUARTERS
5966 La Place Court
Suite 100
Carlsbad, CA 92008
Tel.: +1 (760) 692-0711
Fax: +1 (760) 444-8598
www.maxlinearr.com
The content of this document is furnished for informational use only, is subject to change without notice, and should not be
construed as a commitment by MaxLinear, Inc. MaxLinear, Inc. assumes no responsibility or liability for any errors or
inaccuracies that may appear in the informational content contained in this guide. Complying with all applicable copyright
laws is the responsibility of the user. Without limiting the rights under copyright, no part of this document may be
reproduced into, stored in, or introduced into a retrieval system, or transmitted in any form or by any means (electronic,
mechanical, photocopying, recording, or otherwise), or for any purpose, without the express written permission of
MaxLinear, Inc.
MaxLinear, Inc. does not recommend the use of any of its products in life support applications where the failure or
malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its
safety or effectiveness. Products are not authorized for use in such applications unless MaxLinear, Inc. receives, in writing,
assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all such risks;
(c) potential liability of MaxLinear, Inc. is adequately protected under the circumstances.
MaxLinear, Inc. may have patents, patent applications, trademarks, copyrights, or other intellectual property rights covering
subject matter in this document. Except as expressly provided in any written license agreement from MaxLinear, Inc., the
furnishing of this document does not give you any license to these patents, trademarks, copyrights, or other intellectual
property.
MaxLinear, the MaxLinear logo, any MaxLinear trademarks (MxL, Full-Spectrum Capture, FSC, G.now, AirPHY, Puma, and
AnyWAN), and the MaxLinear logo on the products sold are all property of MaxLinear, Inc. or one of MaxLinear’s subsidiaries
in the U.S.A. and other countries. All rights reserved. Other company trademarks and product names appearing herein are
the property of their respective owners.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com