Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6669EB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP6669EB
Description  800mA 1.5MHz Synchronous Step-Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SP6669EB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP6669EB Datasheet HTML 1Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 2Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 3Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 4Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 5Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SP6669EB
800mA 1
1..5
5M
MH
Hzz S
Syyn
ncch
hrro
on
no
ou
uss S
Stteep
p--D
Do
ow
wn
n C
Co
on
nvveerrtteerr
April 2021
Rev. 1.0.1
© 2012-2021 MaxLinear, Inc.
www.maxlinear.com
GENERAL DESCRIPTION
The SP6669 is a synchronous current mode
PWM step down (buck) converter capable of
delivering up to 800mA of current and
optimized
for
portable
battery-operated
applications.
Based on a current-mode 1.5MHz constant
frequency PWM control scheme, the SP6669
reduces the overall component count and
solution footprint. It provides low output
voltage ripple and excellent line and load
regulation. It also implements a 100% duty
cycle LDO mode. Output voltage is adjustable
to as low as 0.6V with a better than 3%
accuracy while a low quiescent current
supports the most stringent battery operating
conditions.
Built-in over temperature and under voltage
lock-out protections insure safe operations
under abnormal operating conditions.
The SP6669 is offered in a RoHS compliant,
“green”/halogen free 5-pin SOT23 package.
EEV
VA
ALLU
UA
ATTIIO
ON
N B
BO
OA
AR
RD
D M
MA
AN
NU
UA
ALL
FEATURES
•
Guaranteed 800mA Output Current
−
Input Voltage: 2.5V to 5.5V
•
1.5MHz PWM Current Mode Control
−
100% Duty Cycle LDO Mode Operations
−
Achieves 95% Efficiency
•
Adjustable Output Voltage Range
−
As Low as 0.6V with ±3% Accuracy
•
Over Temperature & UVLO Protection
EVALUATION BOARD SCHEMATICS
Fig. 1: SP6669 Evaluation Board Schematics


Similar Part No. - SP6669EB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6669 EXAR-SP6669 Datasheet
745Kb / 10P
1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
SP6669 EXAR-SP6669 Datasheet
466Kb / 11P
600mA 1.5MHz Synchronous Step Down Converter
SP6669AEK-L EXAR-SP6669AEK-L Datasheet
466Kb / 11P
600mA 1.5MHz Synchronous Step Down Converter
logo
TECH PUBLIC Electronics...
SP6669AEK-L-TP TECHPUBLIC-SP6669AEK-L-TP Datasheet
3Mb / 7P
High Efficiency 1.5MHz, 0.8A Synchronous Step Down Regulator
logo
Exar Corporation
SP6669AEK-L/TRR3 EXAR-SP6669AEK-L/TRR3 Datasheet
745Kb / 10P
1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
More results

Similar Description - SP6669EB

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3408 EUTECH-EUP3408 Datasheet
716Kb / 11P
1.5MHz, 800mA Synchronous Step-Down Converter with Soft Start
EUP3409 EUTECH-EUP3409 Datasheet
765Kb / 10P
Dual 1.5MHz, 800mA Synchronous Step-Down Converter
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
logo
E-CMOS Corporation
EC3210 E-CMOS-EC3210 Datasheet
1Mb / 16P
1.5MHz, 800mA, Synchronous Step-Down Regulator Dropout
logo
Leshan Radio Company
LR8503 LRC-LR8503 Datasheet
586Kb / 7P
800mA,2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD6810 TECHCODE-TD6810 Datasheet
738Kb / 17P
1.5MHz 800mA Synchronous Step-Down Regulator Dropout
logo
Fitipower Integrated Te...
FP6367 FITIPOWER-FP6367 Datasheet
575Kb / 9P
1.5MHz, 800mA, High-Efficiency PWM Synchronous Step-Down Converter
logo
SHOUDING Shouding Semic...
SD8916A SHOUDING-SD8916A Datasheet
475Kb / 8P
800mA,2-6V Input,1.5MHz Synchronous Step-Down Converter
logo
List of Unclassifed Man...
M3406 ETC1-M3406 Datasheet
383Kb / 9P
800mA,2V-6V Input,1.5MHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7203D ACE-ACE7203D Datasheet
207Kb / 3P
800mA, 2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com