Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16876 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPD16876
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16876 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPD16876 Datasheet HTML 7Page - Renesas Technology Corp UPD16876 Datasheet HTML 8Page - Renesas Technology Corp UPD16876 Datasheet HTML 9Page - Renesas Technology Corp UPD16876 Datasheet HTML 10Page - Renesas Technology Corp UPD16876 Datasheet HTML 11Page - Renesas Technology Corp UPD16876 Datasheet HTML 12Page - Renesas Technology Corp UPD16876 Datasheet HTML 13Page - Renesas Technology Corp UPD16876 Datasheet HTML 14Page - Renesas Technology Corp UPD16876 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet S14288EJ1V0DS
9
µµµµPD16876
3. Behavior When Power Is Turned ON/OFF
This IC performs a soft-start operation on power application.
This is to prevent an overcurrent from flowing
through the IC on power application while the high-capacity capacitor connected to the output pin is charged.
Power ON:
Soft start (2.5 to 8 ms)
Power OFF:
No control (10
µs MAX.)
5 V
Vin
10
s MAX.
2.5 ms MIN.
8 ms MAX.
µ
Vout
0 V
0 V
5 V
The above figure does not show the actual waveform. For the related characteristic waveform, refer to Major
Characteristic Curves.
4. Output Latch Functional Change
LATCH = “H”: This IC has the control terminal (LATCH terminal) which latches the output current limitation after
over current detection.
An output latch function is explained below.
The output switch is turned off irrespective of the state of a CTL terminal after over current
detection.
Again, in order to make a switch into an ON state, it is necessary that a CTL terminal is setting to
Low level.
This function can be used, when you want to make a CTL terminal “L” fixation and to always
consider as an ON state, or when a USB controller to switch-ON/OFF control is unnecessary.
LATCH = “L”: A current limitation circuit operates after over current detection.
A limitation function is continued until the over current is eliminated.
After current detection, when abnormal condition is eliminated, output returns to an ON state.
This function serves as specification which suited USB specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com