Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16876 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # UPD16876
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16876 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button UPD16876 Datasheet HTML 11Page - Renesas Technology Corp UPD16876 Datasheet HTML 12Page - Renesas Technology Corp UPD16876 Datasheet HTML 13Page - Renesas Technology Corp UPD16876 Datasheet HTML 14Page - Renesas Technology Corp UPD16876 Datasheet HTML 15Page - Renesas Technology Corp UPD16876 Datasheet HTML 16Page - Renesas Technology Corp UPD16876 Datasheet HTML 17Page - Renesas Technology Corp UPD16876 Datasheet HTML 18Page - Renesas Technology Corp UPD16876 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Data Sheet S14288EJ1V0DS
13
µµµµPD16876
MAJOR CHARACTERISTIC CURVES (Unless otherwise specified, TA = 25
°°°°C, VIN = 5 V)
400
300
200
100
0
140
120
100
80
60
40
20
0
Total Power Dissipation PT vs. Ambient Temperature TA
Output On-Resistance RON vs. Ambient Temperature TA
Current Consumption IDD vs. Ambient Temperature TA
Current Consumption IDD vs. Supply Voltage VIN
Ambient temperature TA (
°C)
Ambient temperature TA (
°C)
−40
0
−20
0
204060
80
40
80
120
200
160
140
120
100
80
60
40
20
0
Ambient temperature TA (
°C)
−20
0
204060
80
Ambient temperature TA (
°C)
−20
20
060
40
80
100
80
60
40
20
0
Supply voltage (V)
3.5
4.0
4.5
5.0
5.5
6.0
6.5
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Current Consumption (Standby) IDD vs. Ambient Temperature TA
0.10
0.08
0.06
0.04
0.02
0.00
Supply voltage (V)
Current Consumption (Standby) IDD vs. Supply Voltage VIN
0.10
0.08
0.06
0.04
0.02
0.00
Output On-Resistance RON vs. Supply Voltage VIN
TA = 25
°C
250
200
150
100
50
0
Supply voltage (V)
2.0
3.0
4.0
5.0
6.0
7.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com