Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6730CQTR Datasheet(PDF) 42 Page - STMicroelectronics

Part # L6730CQTR
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CQTR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L6730CQTR Datasheet HTML 38Page - STMicroelectronics L6730CQTR Datasheet HTML 39Page - STMicroelectronics L6730CQTR Datasheet HTML 40Page - STMicroelectronics L6730CQTR Datasheet HTML 41Page - STMicroelectronics L6730CQTR Datasheet HTML 42Page - STMicroelectronics L6730CQTR Datasheet HTML 43Page - STMicroelectronics L6730CQTR Datasheet HTML 44Page - STMicroelectronics L6730CQTR Datasheet HTML 45Page - STMicroelectronics L6730CQTR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
Efficiency
L6730C - L6730D
42/50
9
Efficiency
The following figures show the demoboard efficiency versus load current for different values of
input voltage and switching frequency:
Figure 36. Demoboard efficiency 400KHz
Figure 37. Demoboard efficiency 645KHz
Fsw=400KHz
75.00%
80.00%
85.00%
90.00%
95.00%
13
5
7
9
11
13
15
Iout (A)
VIN = 5V
VIN = 12V
VO = 3.3V
VIN = 5V
VIN = 5V
Fsw=645KHz
70.00%
75.00%
80.00%
85.00%
90.00%
95.00%
13
5
7
9
11
13
15
Iout (A)
VIN = 12V
VIN = 5V
VO = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com