Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6730CQTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6730CQTR
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CQTR Datasheet(HTML) 5 Page - STMicroelectronics

  L6730CQTR Datasheet HTML 1Page - STMicroelectronics L6730CQTR Datasheet HTML 2Page - STMicroelectronics L6730CQTR Datasheet HTML 3Page - STMicroelectronics L6730CQTR Datasheet HTML 4Page - STMicroelectronics L6730CQTR Datasheet HTML 5Page - STMicroelectronics L6730CQTR Datasheet HTML 6Page - STMicroelectronics L6730CQTR Datasheet HTML 7Page - STMicroelectronics L6730CQTR Datasheet HTML 8Page - STMicroelectronics L6730CQTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
L6730C - L6730D
Summary description
5/50
1.1
Functional description
Note:
In the L6730D the multifunction pin is: CC/OVP/UVLO.
Figure 1.
Block diagram
L6730C/D
PGND
PHASE
GND
LGATE
BOOT
HGATE
OCH
Vin=1.8V to14V
Vo
PGOOD
FB
SS/INH
Monitor
Protection
and Ref
OSC
+
-
+
-
E/A
PWM
OSC
VCCDR
VCC=4.5V to14V
+
-
0.6V
1.2V
OCL
SYNCH
COMP
PGOOD
TMASK
EAREF
LDO
MASKING TIME
ADJUSTMENT
SINK/OVP/UVLO*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com