Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD70320 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD70320
Description  MOS INTEGRATED CIRCUIT
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD70320 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD70320 Datasheet HTML 9Page - Renesas Technology Corp UPD70320 Datasheet HTML 10Page - Renesas Technology Corp UPD70320 Datasheet HTML 11Page - Renesas Technology Corp UPD70320 Datasheet HTML 12Page - Renesas Technology Corp UPD70320 Datasheet HTML 13Page - Renesas Technology Corp UPD70320 Datasheet HTML 14Page - Renesas Technology Corp UPD70320 Datasheet HTML 15Page - Renesas Technology Corp UPD70320 Datasheet HTML 16Page - Renesas Technology Corp UPD70320 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
11
µPD70320
2.2
Instruction Set Operation
Table 2-1. Operand Identifier
Identifier
Description
reg
8-/16-bit general register
reg8
8-bit general register
reg16
16-bit general register
dmem
8-/16-bit memory location
mem
8-/16-bit memory location
mem8
8-bit memory location
mem16
16-bit memory location
mem32
32-bit memory location
sfr
8-bit special function register location
imm
Constant within 0 to FFFFH
imm3
Constant within 0 to 7
imm4
Constant within 0 to FH
imm8
Constant within 0 to FFH
imm16
Constant within 0 to FFFFH
acc
Register AW or AL
sreg
Segment register
src-table
256-byte conversion table name
src-block
Register IX-addressed block name
dst-block
Register IY-addressed block name
near-proc
Procedure in the current program segment
far-proc
Procedure in another program segment
near-label
Label in the current program segment
short-label
Label within end of instruction to –128 to +127 bytes
far-label
Label in another program segment
memptr16
Word including location offset in the current program segment to which control is to be passed
memptr32
Double-word including location offset in another program segment to which control is to be passed
and segment base address
regptr16
16-bit general register including location offset in another program segment to which control is to be
passed
pop-value
Number of bytes to be abandoned from stack (0 to 64K, normally even number)
fp-op
Immediate value to judge instruction code of external floating point operation chip
R
Register set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com