Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD70320 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD70320
Description  MOS INTEGRATED CIRCUIT
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD70320 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD70320 Datasheet HTML 17Page - Renesas Technology Corp UPD70320 Datasheet HTML 18Page - Renesas Technology Corp UPD70320 Datasheet HTML 19Page - Renesas Technology Corp UPD70320 Datasheet HTML 20Page - Renesas Technology Corp UPD70320 Datasheet HTML 21Page - Renesas Technology Corp UPD70320 Datasheet HTML 22Page - Renesas Technology Corp UPD70320 Datasheet HTML 23Page - Renesas Technology Corp UPD70320 Datasheet HTML 24Page - Renesas Technology Corp UPD70320 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
ADD4S
SUB4S
CMP4S
ROL4
ROR4
INC
DEC
reg8
mem8
reg8
mem8
reg8
mem
reg16
reg8
mem
reg16
Operation Code
0 0 0 0 1 1 1 1
0 0 0 0 1 1 1 1
0 0 0 0 1 1 1 1
0 0 0 0 1 1 1 1
1 1 0 0 0
reg
0 0 0 0 1 1 1 1
mod 0 0 0 mem
0 0 0 0 1 1 1 1
1 1 0 0 0 reg
0 0 0 0 1 1 1 1
mod 0 0 0 mem
1 1 1 1 1 1 1 0
1 1 1 1 1 1 1 W
0 1 0 0 0 reg
1 1 1 1 1 1 1 0
1 1 1 1 1 1 1 W
0 1 0 0 1 reg
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
Group
Mnemonic
Operand
2
2
2
3
3 to 5
3
3 to 5
2
2 to 4
1
2
2 to 4
1
Bytes
Flags
AC CY V
P
S
Z
dst BCD string
← dst BCD string + src BCD string
dst BCD string
← dst BCD string – src BCD string
dst BCD string – src BCD string
reg8
← reg8 + 1
(mem)
← (mem) + 1
reg16
← reg16 + 1
reg8
← reg8 – 1
(mem)
← (mem) – 1
reg16
← reg16 – 1
Operation
BCD
opera-
tion
0 0 1 0 0 0 0 0
0 0 1 0 0 0 1 0
0 0 1 0 0 1 1 0
0 0 1 0 1 0 0 0
0 0 1 0 1 0 0 0
0 0 1 0 1 0 1 0
0 0 1 0 1 0 1 0
1 1 0 0 0
reg
mod 0 0 0 mem
1 1 0 0 1
reg
mod 0 0 1 mem
U
U
U
×
×
×
×
×
×
×
×
×
U
U
U
×
×
×
×
×
×
U
U
U
×
×
×
×
×
×
U
U
U
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
Note
Note
Note
Incre-
ment/
decre-
ment
ALL
Upper
Byte
Lower
Byte
reg
ALL
Upper
Byte
Lower
Byte
mem
ALL
Upper
Byte
Lower
Byte
reg
ALL
Upper
Byte
Lower
Byte
mem
n: 1/2 of the number of BCD digits
Note The number of BCD digits is given in the CL register. The value can be set within 1 to 254.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com