Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV912IST Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSV912IST
Description  Rail-to-rail input/output 8MHz operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV912IST Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSV912IST Datasheet HTML 4Page - STMicroelectronics TSV912IST Datasheet HTML 5Page - STMicroelectronics TSV912IST Datasheet HTML 6Page - STMicroelectronics TSV912IST Datasheet HTML 7Page - STMicroelectronics TSV912IST Datasheet HTML 8Page - STMicroelectronics TSV912IST Datasheet HTML 9Page - STMicroelectronics TSV912IST Datasheet HTML 10Page - STMicroelectronics TSV912IST Datasheet HTML 11Page - STMicroelectronics TSV912IST Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
TSV911-TSV912-TSV914
8/18
ICC
Supply current (per operator)
No load, Vout=2.5V
-
0.82
1.1
mA
Tmin. < Top < Tmax.
-
-
1.1
AC performance
GBP
Gain bandwidth product
RL = 2kΩ, CL = 100pF,
f = 100kHz
-
8
-
MHz
Fu
Unity gain frequency
RL = 2kΩ, CL=100pF
-
7.5
-
MHz
φm
Phase margin
RL = 2kΩ, CL=100pF
-
45
-
Degrees
Gm
Gain margin
RL = 2kΩ, CL=100pF
-
8
-
dB
SR
Slew rate
RL = 2kΩ, CL = 100pF,
AV = 1
-
4.5
-
V/
µs
en
Equivalent input noise
voltage
f=10kHz
-
27
-
THD+en Total harmonic distortion
G=1, f=1kHz, Rl=2k
Ω,
BW=22kHz,
Vicm=(Vcc+1)/2,
Vout=3.6Vpp
-
0.0004
-
%
1.
Guaranteed by design.
Table 5.
Electrical characteristics at VCC = +5V
VDD = 0V, Vicm = VCC/2, Tamb = 25°C, R L connected to Vcc/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com