Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV912IST Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSV912IST
Description  Rail-to-rail input/output 8MHz operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV912IST Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSV912IST Datasheet HTML 5Page - STMicroelectronics TSV912IST Datasheet HTML 6Page - STMicroelectronics TSV912IST Datasheet HTML 7Page - STMicroelectronics TSV912IST Datasheet HTML 8Page - STMicroelectronics TSV912IST Datasheet HTML 9Page - STMicroelectronics TSV912IST Datasheet HTML 10Page - STMicroelectronics TSV912IST Datasheet HTML 11Page - STMicroelectronics TSV912IST Datasheet HTML 12Page - STMicroelectronics TSV912IST Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TSV911-TSV912-TSV914
Electrical characteristics
9/18
Figure 1.
Input offset voltage distribution at
T=25°C
Figure 2.
Input offset voltage distribution at
T=125°C
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
20
40
60
80
100
120
140
Vcc=5V
Vicm=2.5V
Tamb=25
°C
Input offset Voltage (mV)
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
10
20
30
40
Vcc=5V
Vicm=2.5V
Tamb=125
°
C
Input offset Voltage (mV)
Figure 3.
Supply current vs. input common
mode voltage at Vcc=2.5V
Figure 4.
Supply current vs. input common
mode voltage at Vcc=5V
0.0
0.0
0.5
0.5
1.0
1.0
1.5
1.5
2.0
2.0
2.5
2.5
0.0
0.0
0.2
0.3
0.5
0.5
0.7
0.8
1.0
1.0
T=-40°C
Vcc=2.5V
T=125°C
T=25°C
Input
Common
Mode
Voltage
(V)
0
0
1
1
2
2
3
3
4
4
5
5
0.0
0.0
0.2
0.3
0.5
0.5
0.7
0.8
1.0
1.0
T=-40°C
Vcc=5V
T=125°C
T=25°C
Input
Common
Mode
Voltage
(V)
Figure 5.
Output current vs. output voltage at
Vcc=2.5V
Figure 6.
Output current vs. output voltage at
Vcc=5V
0.0
0.0
0.5
0.5
1.0
1.0
1.5
1.5
2.0
2.0
2.5
2.5
-40
-40
-35
-30
-25
-20
-20
-15
-10
-5
0
0
5
10
15
20
20
25
30
35
40
40
Source
Sink
T=-40°C
T=25°C
T=125°C
T=-40°C
Vcc=2.5V
T=125°C
T=25°C
Output
Voltage
(V)
0.0
0.0
1.0
1.0
2.0
2.0
3.0
3.0
4.0
4.0
5.0
5.0
-40
-40
-35
-30
-25
-20
-20
-15
-10
-5
0
0
5
10
15
20
20
25
30
35
40
40
Source
Sink
T=-40°C
T=25°C
T=125°C
T=-40°C
Vcc=5V
T=125°C
T=25°C
Output
Voltage
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com