Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7L19 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST7L19
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L19 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST7L19 Datasheet HTML 20Page - STMicroelectronics ST7L19 Datasheet HTML 21Page - STMicroelectronics ST7L19 Datasheet HTML 22Page - STMicroelectronics ST7L19 Datasheet HTML 23Page - STMicroelectronics ST7L19 Datasheet HTML 24Page - STMicroelectronics ST7L19 Datasheet HTML 25Page - STMicroelectronics ST7L19 Datasheet HTML 26Page - STMicroelectronics ST7L19 Datasheet HTML 27Page - STMicroelectronics ST7L19 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 138 page
background image
ST7L15, ST7L19
24/138
SUPPLY, RESET AND CLOCK MANAGEMENT (cont’d)
7.4 MULTI-OSCILLATOR (MO)
The main clock of the ST7 can be generated by
four different source types coming from the multi-
oscillator block (1 to 16 MHz):
An external source
Crystal or ceramic resonator oscillators
An internal high frequency RC oscillator
The
associated
hardware
configurations
are
shown in Table 4. Refer to Section 13 ELECTRI-
CAL CHARACTERISTICS for more details.
7.4.1 External Clock Source
In external clock mode, a clock signal (square, si-
nus or triangle) with ~50% duty cycle must drive
the OSC1 pin while the OSC2 pin is tied to ground.
Note: When the Multi-Oscillator is not used, PB4
is selected by default as the external clock.
7.4.2 Crystal/Ceramic Oscillators
In this mode, with a self-controlled gain feature, an
oscillator of any frequency from 1 to 16 MHz can
be placed on OSC1 and OSC2 pins. This family of
oscillators has the advantage of producing a very
accurate rate on the main clock of the ST7. In this
mode of the multi-oscillator, the resonator and the
load capacitors must be placed as close as possi-
ble to the oscillator pins to minimize output distor-
tion and start-up stabilization time. The loading ca-
pacitance values must be adjusted according to
the selected oscillator.
These oscillators are not stopped during the
RESET phase to avoid losing time in the oscillator
start-up phase.
7.4.3 Internal RC Oscillator
In this mode, the tunable 1% RC oscillator is the
main clock source. The two oscillator pins must be
tied to ground if dedicated to oscillator use, other-
wise they are general purpose I/O.
The calibration is done through the RCCR[7:0] and
SICSR[6:5] registers.
Table 4. ST7 Clock Sources
Hardware Configuration
OSC1
OSC2
EXTERNAL
ST7
SOURCE
OSC1
OSC2
LOAD
CAPACITORS
ST7
CL2
CL1
OSC1
OSC2
ST7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com