Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7L19 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST7L19
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L19 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST7L19 Datasheet HTML 34Page - STMicroelectronics ST7L19 Datasheet HTML 35Page - STMicroelectronics ST7L19 Datasheet HTML 36Page - STMicroelectronics ST7L19 Datasheet HTML 37Page - STMicroelectronics ST7L19 Datasheet HTML 38Page - STMicroelectronics ST7L19 Datasheet HTML 39Page - STMicroelectronics ST7L19 Datasheet HTML 40Page - STMicroelectronics ST7L19 Datasheet HTML 41Page - STMicroelectronics ST7L19 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 138 page
background image
ST7L15, ST7L19
38/138
POWER SAVING MODES (cont’d)
9.4.1 Halt Mode Recommendations
– Make sure that an external event is available to
wake up the microcontroller from HALT mode.
– When using an external interrupt to wake up the
microcontroller, re-initialize the corresponding
I/O as “Input Pull-up with Interrupt” before exe-
cuting the HALT instruction. The main reason for
this is that the I/O may be incorrectly configured
due to external interference or by an unforeseen
logical condition.
– For the same reason, re-initialize the level sensi-
tiveness of each external interrupt as a precau-
tionary measure.
– The opcode for the HALT instruction is 0x8E. To
avoid an unexpected HALT instruction due to a
program counter failure, it is advised to clear all
occurrences of the data value 0x8E from memo-
ry. For example, avoid defining a constant in pro-
gram memory with the value 0x8E.
– As the HALT instruction clears the interrupt mask
in the CC register to allow interrupts, the user
may choose to clear all pending interrupt bits be-
fore executing the HALT instruction. This avoids
entering other peripheral interrupt routines after
executing the external interrupt routine corre-
sponding to the wake-up event (reset or external
interrupt).
9.5 ACTIVE HALT MODE
ACTIVE HALT mode is the lowest power con-
sumption mode of the MCU with a real time clock
available. It is entered by executing the ‘HALT’ in-
struction. The decision to enter either in ACTIVE
HALT or HALT mode is given by the LTCSR/ATC-
SR register status as shown in the following table:
The MCU exits ACTIVE HALT mode on reception
of a specific interrupt (see Table 5, “Interrupt Map-
ping,” on page 32) or a RESET.
– When exiting ACTIVE HALT mode by means of
a RESET, a 256 or 4096 CPU cycle delay oc-
curs. After the start-up delay, the CPU resumes
operation by fetching the reset vector which
woke it up (see Figure 25).
– When exiting ACTIVE HALT mode by means of
an interrupt, the CPU immediately resumes oper-
ation by servicing the interrupt vector which woke
it up (see Figure 25).
When entering ACTIVE HALT mode, the I bit in the
CC register is cleared to enable interrupts. There-
fore, if an interrupt is pending, the MCU wakes up
immediately (see Note 3).
In ACTIVE HALT mode, only the main oscillator
and the selected timer counter (LT/AT) are running
to keep a wake-up time base. All other peripherals
are not clocked except those which receive their
clock supply from another clock generator (such
as external or auxiliary oscillator).
Note: As soon as ACTIVE HALT is enabled, exe-
cuting a HALT instruction while the Watchdog is
active does not generate a RESET.
This means that the device cannot exceed a de-
fined delay in this power saving mode.
Figure 24. ACTIVE HALT Timing Overview
LTCSR1
TB1IE bit
ATCSR
OVFIE
bit
ATCSR
CK1 bit
ATCSR
CK0 bit
Meaning
0x
x
0
ACTIVE HALT
mode disabled
00
x
x
1
xxx
ACTIVE HALT
mode enabled
x
101
HALT
RUN
RUN
256 OR 4096 CPU
CYCLE DELAY1)
RESET
OR
INTERRUPT
HALT
INSTRUCTION
FETCH
VECTOR
ACTIVE
[Active Halt Enabled]
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com