Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5200 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
MPC5200 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
52
NOTE
Output timing was specified at a nominal 50 pF load.
Figure 37. Timing Diagram—I2C Input/Output
3.3.14 J1850
See the MPC5200 User Manual [1].
Table 41. I2C Output Timing Specifications—SCL and SDA
Sym
Description
Min
Max
Units
SpecID
11
NOTES:
1
Programming IFDR with the maximum frequency (IFDR=0x20) results in the minimum output timings listed. The
I2C interface is designed to scale the data transition time, moving it to the middle of the SCL low period. The actual
position is affected by the prescale and division values programmed in IFDR.
Start condition hold time
6
—
IP-Bus Cycle3
A13.8
21
Clock low period
10
—
IP-Bus Cycle3
A13.9
32
2
Because SCL and SDA are open-drain-type outputs, which the processor can only actively drive low, the time SCL
or SDA takes to reach a high level depends on external signal capacitance and pull-up resistor values
SCL/SDA rise time
—
7.9
ns
A13.10
41
Data hold time
7
—
IP-Bus Cycle3
A13.11
51
SCL/SDA fall time
—
7.9
ns
A13.12
61
Clock high time
10
—
IP-Bus Cycle3
A13.13
71
Data setup time
2
—
IP-Bus Cycle3
A13.14
81
Start condition setup time (for repeated start condition
only)
20
—
IP-Bus Cycle3
A13.15
91
Stop condition setup time
10
—
IP-Bus Cycle3
3
Inter Peripheral Clock is defined in the MPC5200 User Manual [1].
A13.16
1
2
3
4
5
6
78
9
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com