Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5200BV400 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPC5200BV400
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200BV400 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC5200BV400 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5200BV400 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5200BV400 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5200BV400 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5200BV400 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5200BV400 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5200BV400 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5200BV400 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5200BV400 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
Electrical and Thermal Characteristics
MPC5200 Data Sheet, Rev. 4
Freescale Semiconductor
27
NOTES:
1. See the timing measurement conditions in the PCI Local Bus Specification [4]. It is important that all driven signal transitions
drive to their Voh or Vol level within one Tcyc.
2. Minimum times are measured at the package pin with the load circuit, and maximum times are measured with the load circuit
as shown in the PCI Local Bus Specification [4].
3. REQ# and GNT# are point-to-point signals and have different input setup times than do bused signals. GNT# and REQ#
have a setup of 5 ns at 66 MHz. All other signals are bused.
4. See the timing measurement conditions in the PCI Local Bus Specification [4].
For Measurement and Test Conditions, see the PCI Local Bus Specification [4].
Table 23. PCI Timing Parameters
Sym
Description
66 MHz
33 MHz
Units
Notes
SpecID
Min
Max
Min
Max
Tval
CLK to Signal Valid Delay - bused
signals
2
6
2
11
ns
1,2,3
A6.5
Tval(ptp) CLK to Signal Valid Delay - point
to point
2
6
2
12
ns
1,2,3
A6.6
Ton
Float to Active Delay
2
2
ns
1
A6.7
Toff
Active to Float Delay
14
28
ns
1
A6.8
Tsu
Input Setup Time to CLK - bused
signals
3
7
ns
3,4
A6.9
Tsu(ptp) Input Setup Time to CLK - point
to point
5
10,12
ns
3,4
A6.10
Th
Input Hold Time from CLK
0
0
ns
4
A6.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com