Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MY2K Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # MY2K
Description  General-purpose Latching Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2K Datasheet(HTML) 2 Page - Omron Electronics LLC

  MY2K Datasheet HTML 1Page - Omron Electronics LLC MY2K Datasheet HTML 2Page - Omron Electronics LLC MY2K Datasheet HTML 3Page - Omron Electronics LLC MY2K Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
General-purpose Latching Relay
MYK
75
Specifications
■ Coil Ratings
Note: 1. For AC models, the rated current values are half-wave rectified current values measured with a DC ammeter.
2. The rated current and coil resistance are measured at a coil temperature of 23
°C with tolerances of +15%/–20% for AC rated current and
±15% for DC rated current, and +15% for DC coil resistance.
3. The AC coil resistance values are for reference only.
4. Performance characteristic data are measured at a coil temperature of 5
°C to 35°C.
■ Contact Ratings
*Note:
P level:
λ
60 = 0.1 x 10
-6/operation
■ Characteristics
Note: The data shown above are initial values.
Rated voltage
Set coil
Reset coil
Must-set
voltage
Must-
reset
voltage
Max.
voltage
Power
consumption
(Approx.)
Rated current
Resistance
Rated current
Resistance
% of rated voltage
Set coil
Reset
coil
50 Hz
60 Hz
50 Hz
60 Hz
AC
12 V
57 mA
56 mA
72
Ω
39 mA
38.2 mA 130
Ω
80%
max.
80%
max.
110%
0.6 to 0.9
(60 Hz)
0.2 to 0.5
(60 Hz)
24 V
27.5 mA 26.4 mA 320
Ω
18.6 mA 18.1 mA 550
Ω
50 V
14.0 mA 13.4 mA 1,400
Ω
3.5 mA
3.4 mA
3,000
Ω
100 V
7.1 mA
6.9 mA
5,400
Ω
3.5 mA
3.4 mA
3,000
Ω
DC
12 V
110 mA
110
Ω
50 mA
235
Ω
1.3 W
0.6 W
24 V
52 mA
470
Ω
25 mA
940
Ω
Item
Resistive load (cos
φ = 1)
Inductive load (cos
φ = 0.4) (L/R = 7 ms)
Rated load
3 A at 220 VAC, 3 A at 24 VDC
0.8 A at 220 VAC, 1.5 A at 24 VDC
Rated carry current
3 A
Max. switching voltage
250 VAC, 125 VDC
Max. switching current
3 A
Max. switching power
660 VA, 72 W
176 VA, 36 W
Failure rate* (reference value)
1 mA at 1 VDC
Contact resistance
50 m
Ω max.
Set time
Time:
AC: 30 ms max.; DC: 15 ms max.
Min. pulse width:
AC: 60 ms.; DC: 15 ms.
Reset time
Time:
AC: 30 ms max.; DC: 15 ms max.
Min. pulse width:
AC: 60 ms.; DC: 15 ms.
Max. operating frequency
Mechanical: 18,000 operations/hr
Electrical:
1,800 operations/hr (under rated load)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
1,500 VAC, 50/60 Hz for 1 min (1,000 VAC between contacts of same polarity and between set and reset
coils)
Vibration resistance
Destruction: 10 to 55 to 10 Hz, 0.5 mm single amplitude (1.0 mm double amplitude)
Malfunction: 10 to 55 to 10 Hz, 0.5 mm single amplitude (1.0 mm double amplitude)
Shock resistance
Destruction: 1,000 m/s2
Malfunction: 200 m/s2
Endurance
Mechanical: 100,000,000 operations min. (at 18,000 operations/hr)
Electrical:
200,000 operations min. (at 1,800 operations/hr)
Ambient temperature
Operating:
–55
°C to 60°C (with no icing)
Ambient humidity
Operating:
5% to 85%
Weight
Approx. 30 g



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com