Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4CM4EOQ Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS4CM4EOQ
Description  4M X 4 CMOS Quad CAS DRAM (EDO) family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4CM4EOQ Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS4CM4EOQ Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
®
AS4C4M4EOQ
AS4C4M4E1Q
3/22/01; v.1.0
Alliance Semiconductor
P. 3 of 16
Logic block diagram for 4K refresh
Logic block diagram for 2K refresh
Recommended operating conditions
V
IL min -3.0V for pulse widths less than 5 ns. Recommended operating conditions apply throughout this document unlesss otherwise specified.
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage
4C4M4EOQ
AS4C4M4E1Q
VCC
4.5
5.0
5.5
V
GND
0.0
0.0
0.0
V
Input voltage
4C4M4EOQ
AS4C4M4E1Q
VIH
2.4
VCC
V
VIL
–0.5
–0.8
V
Ambient operating temperature
TA
070
°C
RAS clock
generator
4,194,304 × 4
Array
(16,777,216)
Sense amp
A0
A1
A2
A3
A4
A5
A6
A7
VCC
GND
A8
Column decoder
Data
I/O
buffers
OE
RAS
CAS
WE clock
generator
WE
I/O0 to I/O3
CAS clock
generator
A9
A10
A11
RAS clock
generator
4,194,304 × 4
Array
(16,777,216)
Sense amp
A0
A1
A2
A3
A4
A5
A6
A7
VCC
GND
A8
Column decoder
Substrate bias
generator
Data
I/O
buffers
OE
RAS
CAS
WE clock
generator
WE
I/O0 to I/O3
CAS clock
generator
A9
A10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com