Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA323WTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA323WTR
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA323WTR Datasheet HTML 4Page - STMicroelectronics STA323WTR Datasheet HTML 5Page - STMicroelectronics STA323WTR Datasheet HTML 6Page - STMicroelectronics STA323WTR Datasheet HTML 7Page - STMicroelectronics STA323WTR Datasheet HTML 8Page - STMicroelectronics STA323WTR Datasheet HTML 9Page - STMicroelectronics STA323WTR Datasheet HTML 10Page - STMicroelectronics STA323WTR Datasheet HTML 11Page - STMicroelectronics STA323WTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
STA323W
8/41
5
FUNCTIONAL DESCRIPTION
5.1 PIN DESCRIPTION
5.1.1 OUT1A, 1B, 2A & 2B (Pins 16, 10, 9 & 3)
Output Half Bridge PWM Outputs 1A, 1B, 2A & 2B provide the inputs signals to the speaker devices.
5.1.2 RESET (Pin 23)
Driving RESET low sets all outputs low and returns all register settings to their defaults. The reset is asyn-
chronous to the internal clock.
5.1.3 I2C Signals (Pins 24 & 25)
The SDA (I2C Data) and SCL (I2C Clock) pins operate per the I2C specification. See Section 4.0. Fast-
mode (400kB/sec) I2C communication is supported.
5.1.4 GNDA & VDDA: Phase Locked Loop Power (Pins 27-28)
The phase locked loop power is applied here. This +3.3V supply must be well bypassed and filtered for
noise immunity. The audio performance of the device is critically dependent upon the PLL circuit.
5.1.5 CLK: Master Clock In (Pin 29)
This is the master clock in required for the operation of the digital core. The master clock must be an in-
teger multiple of the LR clock frequency. Typically, the master clock frequency is 12.288 MHz (256*Fs) for
a 48kHz sample rate, which is the default at power-up. Care must be taken to avoid over-clocking the
device i.e provide the device with the nominally required system clock; otherwise, the device may not prop-
erly operate or be able to communicate.
5.1.6 FILTER_PLL: PLL Filter (Pin 30)
PLL Filter connects to external filter components for PLL loop compensation. Refer to the schematic dia-
gram for the recommended circuit.
5.1.7 BICKI: Bit Clock In (Pin 31)
The serial or bit clock input is for framing each data bit. The bit clock frequency is typically 64*Fs, for ex-
ample using I2S serial format.
5.1.8 SDI_12: Serial Data Input (Pin 32)
PCM audio information enters the device here. Six format choices are available including I2S, left- or right-
justified, LSB or MSB first, with word widths of 16, 18, 20 and 24 bits.
5.1.9 LRCKI: Left/Right Clock In (Pin 33)
The Left/Right clock input is for data word framing. The clock frequency will be at the input sample rate Fs.
5.2 AUDIO PERFORMANCE
TBD
5.3 PIN CONNECTION (Top View)
6
STA323W I2C BUS SPECIFICATION
The STA323W supports the I2C protocol. This protocol defines any device that sends data on to the bus
as a transmitter and any device that reads the data as a receiver. The device that controls the data trans-
fer is known as the master and the other as the slave. The master always starts the transfer and provides
the serial clock for synchronization. The STA323W is always a slave device in all of its communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com