Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA323WTR Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA323WTR
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WTR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA323WTR Datasheet HTML 23Page - STMicroelectronics STA323WTR Datasheet HTML 24Page - STMicroelectronics STA323WTR Datasheet HTML 25Page - STMicroelectronics STA323WTR Datasheet HTML 26Page - STMicroelectronics STA323WTR Datasheet HTML 27Page - STMicroelectronics STA323WTR Datasheet HTML 28Page - STMicroelectronics STA323WTR Datasheet HTML 29Page - STMicroelectronics STA323WTR Datasheet HTML 30Page - STMicroelectronics STA323WTR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
27/41
STA323W
Table 25. Channel PWM Output Mapping
7.11 Tone Control (Address 11h)
Table 26. Tone Control Boost/Cut Selection
7.12 DYNAMICS CONTROL
7.12.1Limiter 1 Attack/Release Threshold (Address 12h)
CxOM (1...0)
PWM Output From
00
Channel 1
01
Channel 2
10
Channel 3
11
Not used
D7
D6
D5
D4
D3
D2
D1
D0
TTC3
TTC2
TTC1
TTC0
BTC3
BTC2
BTC1
BTC0
01
1101
11
BTC (3...0)/TTC (3...0)
Boost/Cut
0000
-12dB
0001
-12dB
……
0111
-4dB
0110
-2dB
0111
0dB
1000
+2dB
1001
+4dB
……
1101
+12dB
1110
+12dB
1111
+12dB
D7
D6
D5
D4
D3
D2
D1
D0
L1A3
L1A2
L1A1
L1A0
L1R3
L1R2
L1R1
L1R0
01
1010
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com