Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX706AS Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX706AS
Description  3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX706AS Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX706AS Datasheet HTML 3Page - Maxim Integrated Products MAX706AS Datasheet HTML 4Page - Maxim Integrated Products MAX706AS Datasheet HTML 5Page - Maxim Integrated Products MAX706AS Datasheet HTML 6Page - Maxim Integrated Products MAX706AS Datasheet HTML 7Page - Maxim Integrated Products MAX706AS Datasheet HTML 8Page - Maxim Integrated Products MAX706AS Datasheet HTML 9Page - Maxim Integrated Products MAX706AS Datasheet HTML 10Page - Maxim Integrated Products MAX706AS Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
+3V Voltage Monitoring, Low-Cost µP
Supervisory Circuits
_______________________________________________________________________________________
7
RESET and
RESET Outputs
A microprocessor’s (µP’s) reset input starts in a known
state. When the µP is in an unknown state, it should be
held in reset. The MAX706P/R/S/T and the MAX706AP/
AR/AS/AT assert reset when VCC is low, preventing
code execution errors during power-up, power-down,
or brownout conditions.
On power-up once VCC reaches 1V, RESET is guaran-
teed to be logic-low and RESET is guaranteed to be
logic-high. As VCC rises, RESET and RESET remain
asserted. Once VCC exceeds the reset threshold, the
internal timer causes RESET and RESET to be
deasserted after a time equal to the reset pulse width,
which is typically 200ms (Figure 3).
If a power-fail or brownout condition occurs (i.e., VCC
drops below the reset threshold), RESET and RESET
are asserted. As long as VCC remains below the reset
threshold, the internal timer is continually reset, causing
the RESET and RESET outputs to remain asserted.
Thus, a brownout condition that interrupts a previously
initiated reset pulse causes an additional 200ms delay
from the time the latest interruption occurred. On
power-down once VCC drops below the reset threshold,
RESET and RESET are guaranteed to be asserted for
VCC ≥ 1V.
The MAX706P/MAX706AP provide a RESET signal, and
the MAX706R/S/T and MAX706AR/AS/AT provide a
RESET signal. The MAX708R/S/T provide both RESET
and RESET.
Watchdog Timer
The MAX706P/R/S/T and the MAX706AP/AR/AS/AT
watchdog circuit monitor the µP’s activity. If the µP
does not toggle the watchdog input (WDI) within 1.6s,
the watchdog output (WDO) goes low (Figure 4). If the
reset signal is asserted, the watchdog timer will be
reset to zero and disabled. As soon as reset is
released, the timer starts counting. WDI can detect puls-
es as narrow as 100ns with a 2.7V supply and 50ns with a
4.5V supply. The watchdog timer for the MAX706P/R/S/T
cannot be disabled. The watchdog timer for the
MAX706AP/AR/AS/AT operates similarly to the
MAX706P/R/S/T. However, the watchdog timer for the
MAX706AP/AR/AS/AT disables when the WDI input is
left open or connected to a tri-state output in its high-
impedance state and with a leakage current of less
than 600nA. The watchdog timer can be disabled any-
time, provided WDO is not asserted.
RESET
GENERATOR
VCC
70µA
8
7
RESET
RESET
5
PFO
GND
3
1.25V
2.63V MAX708R
2.93V MAX708S
3.08V MAX708T
1
MR
2
VCC
4
PFI
MAX708R/S/T
Figure 1. MAX706_ Functional Diagram
Figure 2. MAX708_ Functional Diagram
WATCHDOG
TRANSITION
DETECTOR
WATCHDOG
TIMER
TIMEBASE FOR
RESET AND
WATCHDOG
RESET
GENERATOR
VCC
70µA
8
WDO
7
RESET
(RESET)
5
PFO
GND
3
1.25V
2.63V MAX706P/R
2.93V MAX706S
3.08V MAX706T
( ) ARE FOR MAX706P/AP.
6
WDI
1
MR
2
VCC
4
PFI
MAX706P/R/S/T
MAX706AP/AR/AS/AT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com