Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX706AS Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX706AS
Description  3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX706AS Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX706AS Datasheet HTML 1Page - Maxim Integrated Products MAX706AS Datasheet HTML 2Page - Maxim Integrated Products MAX706AS Datasheet HTML 3Page - Maxim Integrated Products MAX706AS Datasheet HTML 4Page - Maxim Integrated Products MAX706AS Datasheet HTML 5Page - Maxim Integrated Products MAX706AS Datasheet HTML 6Page - Maxim Integrated Products MAX706AS Datasheet HTML 7Page - Maxim Integrated Products MAX706AS Datasheet HTML 8Page - Maxim Integrated Products MAX706AS Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
+3V Voltage Monitoring, Low-Cost µP
Supervisory Circuits
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(MAX70_P/R, MAX706AP/AR: VCC = 2.7V to 5.5V; MAX70_S, MAX706AS: VCC = 3.0V to 5.5V; MAX70_T, MAX706AT: VCC = 3.15V to
5.5V; TJ = TA = TMIN to TMAX, unless otherwise noted. Typical values are at TJ = TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VOH
VRST(MAX) < VCC < 3.6V ISOURCE = 215µA
VCC -
0.6
VOL
VRST(MAX) < VCC < 3.6V ISINK = 1.2mA
0.3
VOH
4.5 < VCC < 5.5V
ISOURCE = 800µA
VCC -
1.5
Output-Voltage High
(MAX706P) (MAX706AP)
VOL
4.5V < VCC < 5.5V
ISINK = 3.2mA
0.4
V
VOH
VRST(MAX) < VCC < 3.6V ISOURCE = 500µA 0.8 x VCC
VOL
VRST(MAX) < VCC < 3.6V ISINK = 500µA
0.3
VOH
4.5V < VCC < 5.5V
ISOURCE = 800µA
VCC -
1.5
Output-Voltage High
(MAX708_)
VOL
4.5V < VCC < 5.5V
ISINK = 1.2mA
0.4
V
WATCHDOG INPUT
MAX706P/R, MAX706AP/AR, VCC = 3.0V
1.00
1.60
2.25
Watchdog Timeout Period
tWD
MAX706S/T, MAX706AS/AT, VCC = 3.3V
1.00
1.60
2.25
s
VIL = 0.4V
VRST(MAX) < VCC
< 3.6V
100
WDI Pulse Width
(MAX706_, MAX706A_)
tWP
VIH = 0.8V x VCC
4.5V < VCC <
5.5V
50
ns
VIL
VRST(MAX) < VCC < 3.6V
0.6
VIH
VRST(MAX) < VCC < 3.6V
0.7 x
VCC
VIL
VCC = 5.0V
0.8
Watchdog Input Threshold
(MAX706_, MAX706A_)
VIH
VCC = 5.0V
3.5
V
MAX706_
-1.0
+0.02
+1.0
WDI Input Current
WDI = 0V or VCC
MAX706A_
-5
+5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com