Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C4002 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27C4002
Description  4 Mbit (256Kb x16) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C4002 Datasheet(HTML) 1 Page - STMicroelectronics

  M27C4002_06 Datasheet HTML 1Page - STMicroelectronics M27C4002_06 Datasheet HTML 2Page - STMicroelectronics M27C4002_06 Datasheet HTML 3Page - STMicroelectronics M27C4002_06 Datasheet HTML 4Page - STMicroelectronics M27C4002_06 Datasheet HTML 5Page - STMicroelectronics M27C4002_06 Datasheet HTML 6Page - STMicroelectronics M27C4002_06 Datasheet HTML 7Page - STMicroelectronics M27C4002_06 Datasheet HTML 8Page - STMicroelectronics M27C4002_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
April 2006
Rev 4
1/24
1
M27C4002
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
Feature summary
■
5V ± 10% Supply voltage for Read operations
■
Access time: 45ns
■
Low Power consumption
– Active Current 70mA at 10MHz
– Standby current 100µa
■
Programming Voltage: 12.75V ± 0.25V
■
Programming Time: 100µs/word
■
Electronic Signature
– Manufacturer Code: 20h
– Device Code: 44h
■
ECOPACK® packages available
1
40
1
40
FDIP40W (F)
PDIP40 (B)
PLCC44 (C)
TSOP40 (N)
10 x 20 mm
www.st.com


Similar Part No. - M27C4002_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C4002-10B1TR STMICROELECTRONICS-M27C4002-10B1TR Datasheet
196Kb / 18P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
30-Aug-2001
M27C4002-10B1X STMICROELECTRONICS-M27C4002-10B1X Datasheet
196Kb / 18P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
30-Aug-2001
M27C4002-10B6TR STMICROELECTRONICS-M27C4002-10B6TR Datasheet
196Kb / 18P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
30-Aug-2001
M27C4002-10B6X STMICROELECTRONICS-M27C4002-10B6X Datasheet
196Kb / 18P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
30-Aug-2001
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
More results

Similar Description - M27C4002_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
04-Apr-2000
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May-1999
M27V400 STMICROELECTRONICS-M27V400 Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27W400 STMICROELECTRONICS-M27W400 Datasheet
140Kb / 15P
4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
19-Jan-2000
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
15-Mar-2000
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
30-Aug-2001
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
1 Mbit (64Kb x16) UV EPROM and OTP EPROM
Sep-1998
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
28-Mar-2006
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
10-May-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com