Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C4002 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M27C4002
Description  4 Mbit (256Kb x16) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C4002 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M27C4002_06 Datasheet HTML 16Page - STMicroelectronics M27C4002_06 Datasheet HTML 17Page - STMicroelectronics M27C4002_06 Datasheet HTML 18Page - STMicroelectronics M27C4002_06 Datasheet HTML 19Page - STMicroelectronics M27C4002_06 Datasheet HTML 20Page - STMicroelectronics M27C4002_06 Datasheet HTML 21Page - STMicroelectronics M27C4002_06 Datasheet HTML 22Page - STMicroelectronics M27C4002_06 Datasheet HTML 23Page - STMicroelectronics M27C4002_06 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Part numbering
M27C4002
22/24
6
Part numbering
For a list of available options (Speed, Package, etc...) or for further information on any
aspect of this device, please contact the STMicroelectronics Sales Office nearest to you.
Table 17.
Ordering Information Scheme
Example:
M27C4002
-80 X
C
1
TR
Device Type
M27
Supply Voltage
C = 5V
Device Function
4002 = 4 Mbit (256Kb x16)
Speed
-45 = 45 ns (1)
1.
High Speed, see Section 4: DC and AC parameters for further information.
-60 (1) = 60 ns
-70 = 70 ns
-80 = 80 ns
-90 = 90 ns
-10 = 100 ns
-12 = 120 ns
-15 = 150 ns
-20 = 200 ns
VCC Tolerance
blank = ± 10%
X = ± 5%
Package
F = FDIP40W
B = PDIP40
C = PLCC44
N = TSOP40: 10 x 20 mm
Temperature Range
1 = 0 to 70 °C
6 = –40 to 85 °C
Options
TR = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com