Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T81 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M41T81
Description  Serial access Real-Time Clock with alarm
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M41T81 Datasheet HTML 12Page - STMicroelectronics M41T81 Datasheet HTML 13Page - STMicroelectronics M41T81 Datasheet HTML 14Page - STMicroelectronics M41T81 Datasheet HTML 15Page - STMicroelectronics M41T81 Datasheet HTML 16Page - STMicroelectronics M41T81 Datasheet HTML 17Page - STMicroelectronics M41T81 Datasheet HTML 18Page - STMicroelectronics M41T81 Datasheet HTML 19Page - STMicroelectronics M41T81 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Clock operation
M41T81
16/30
The IRQ/FT/OUT/SQW pin is an open drain output which requires a pull-up resistor to VCC
for proper operation. A 500-10k resistor is recommended in order to control the rise time.
The FT Bit is cleared on power-down.
Figure 10.
Crystal accuracy across temperature
Figure 11.
Clock calibration
AI07888
–160
0
10203040506070
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
= –0.036 ppm/
°C
2 ± 0.006 ppm/°C2
K
∆F
= K x (T – T
O)
2
F
T
O = 25°C ± 5°C
AI00594B
NORMAL
POSITIVE
CALIBRATION
NEGATIVE
CALIBRATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com