Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T81 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M41T81
Description  Serial access Real-Time Clock with alarm
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M41T81 Datasheet HTML 14Page - STMicroelectronics M41T81 Datasheet HTML 15Page - STMicroelectronics M41T81 Datasheet HTML 16Page - STMicroelectronics M41T81 Datasheet HTML 17Page - STMicroelectronics M41T81 Datasheet HTML 18Page - STMicroelectronics M41T81 Datasheet HTML 19Page - STMicroelectronics M41T81 Datasheet HTML 20Page - STMicroelectronics M41T81 Datasheet HTML 21Page - STMicroelectronics M41T81 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Clock operation
M41T81
18/30
Figure 13.
Back-up mode alarm waveform
3.5
Watchdog timer
The watchdog timer can be used to detect an out-of-control microprocessor. The user
programs the watchdog timer by setting the desired amount of time-out into the Watchdog
Register, address 09h. Bits BMB4-BMB0 store a binary multiplier and the two lower order
bits RB1-RB0 select the resolution, where 00 = 1/16 second, 01 = 1/4 second, 10 = 1
second, and 11 = 4 seconds. The amount of time-out is then determined to be the
multiplication of the five-bit multiplier value with the resolution. (For example: writing
00001110 in the Watchdog Register = 3*1, or 3 seconds). If the processor does not reset
the timer within the specified period, the M41T81 sets the WDF (Watchdog Flag) and
generates a watchdog interrupt.
The watchdog timer can be reset by having the microprocessor perform a WRITE of the
Watchdog Register. The time-out period then starts over.
Should the watchdog timer time-out, a value of 00h needs to be written to the Watchdog
Register in order to clear the IRQ/FT/OUT/SQW pin. This will also disable the watchdog
function until it is again programmed correctly. A READ of the Flags Register will reset the
Watchdog Flag (Bit D7; Register 0Fh).
The watchdog function is automatically disabled upon power-up and the Watchdog Register
is cleared. If the watchdog function is set, the frequency test function is activated, and the
SQWE Bit is '0,' the watchdog function prevails and the frequency test function is denied.
Table 3.
Alarm repeat modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm setting
1
1
1
1
1
Once per second
1
1
1
1
0
Once per minute
1
1
1
0
0
Once per hour
1
1
0
0
0
Once per day
1
0
0
0
0
Once per month
0
0
0
0
0
Once per year
VCC
IRQ/FT/OUT/SQW
ABE and AFE Bits
AF Bit in Flags
Register
HIGH-Z
VSO
trec
AI05663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com