Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M40Z300 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M40Z300
Description  5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M40Z300 Datasheet HTML 7Page - STMicroelectronics M40Z300 Datasheet HTML 8Page - STMicroelectronics M40Z300 Datasheet HTML 9Page - STMicroelectronics M40Z300 Datasheet HTML 10Page - STMicroelectronics M40Z300 Datasheet HTML 11Page - STMicroelectronics M40Z300 Datasheet HTML 12Page - STMicroelectronics M40Z300 Datasheet HTML 13Page - STMicroelectronics M40Z300 Datasheet HTML 14Page - STMicroelectronics M40Z300 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/21
M40Z300, M40Z300W
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 4. DC and AC Measurement Conditions
Note: Output High Z is defined as the point where data is no longer driven.
Figure 10. AC Testing Load Circuit
Note: 50pF for M40Z300W.
Table 5. Capacitance
Note: 1. Sampled only, not 100% tested.
2. At 25°C, f = 1MHz.
3. Outputs deselected.
Parameter
M40Z300
M40Z300W
VCC Supply Voltage
4.5 to 5.5V
2.7 to 3.6V
Ambient Operating Temperature
Grade 1
0 to 70°C
0 to 70°C
Grade 6
–40 to 85°C
–40 to 85°C
Load Capacitance (CL)
100pF
50pF
Input Rise and Fall Times
≤ 5ns
≤ 5ns
Input Pulse Voltages
0 to 3V
0 to 3V
Input and Output Timing Ref. Voltages
1.5V
1.5V
AI02393
CL = 100pF
or 50pF
CL includes JIG capacitance
333
Ω
DEVICE
UNDER
TEST
1.73V
Symbol
Parameter(1,2)
Min
Max
Unit
CIN
Input Capacitance
8
pF
COUT
(3)
Input/Output Capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com