Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M40Z300 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M40Z300
Description  5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M40Z300 Datasheet HTML 13Page - STMicroelectronics M40Z300 Datasheet HTML 14Page - STMicroelectronics M40Z300 Datasheet HTML 15Page - STMicroelectronics M40Z300 Datasheet HTML 16Page - STMicroelectronics M40Z300 Datasheet HTML 17Page - STMicroelectronics M40Z300 Datasheet HTML 18Page - STMicroelectronics M40Z300 Datasheet HTML 19Page - STMicroelectronics M40Z300 Datasheet HTML 20Page - STMicroelectronics M40Z300 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
M40Z300, M40Z300W
20/21
REVISION HISTORY
Table 14. Document Revision History
Date
Version
Revision Details
March 1999
1.0
First Issue
08-Mar-00
1.1
Document Layout changed; SO16 package added; Battery Capacity changed (Table 13)
22-Sep-00
1.2
SO16 package measures change
23-Feb-01
1.3
Added information for Industrial Temperature (Table 3, 7, 12)
30-May-01
1.4
Change “Controller” references to “SUPERVISOR”
10-Jul-01
2.0
Reformatted; added temp/voltage info. to tables (Table 6, 7); Figures changed (Figures 3,
5, 7, 10, 8)
01-Aug-01
2.1
E2 connections added to Hookup (Figure 7)
15-Jan-02
2.2
16-pin SOIC Connections split, graphic added (Figure 6); addition to hardware hookup
(Figure 7)
13-May-02
2.3
Modify reflow time and temperature footnote (Table 3)
31-Oct-03
2.4
Update DC Characteristics (Table 6)
04-Nov-03
2.5
Correct DC Characteristics (Table 6)
23-Feb-05
3.0
Reformatted; IR reflow, SO package updates (Table 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com