Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2D04065D Datasheet(PDF) 2 Page - BASIC SEMICONDUCTOR

Part # B2D04065D
Description  SiC Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2D04065D Datasheet(HTML) 2 Page - BASIC SEMICONDUCTOR

  B2D04065D Datasheet HTML 1Page - BASIC SEMICONDUCTOR B2D04065D Datasheet HTML 2Page - BASIC SEMICONDUCTOR B2D04065D Datasheet HTML 3Page - BASIC SEMICONDUCTOR B2D04065D Datasheet HTML 4Page - BASIC SEMICONDUCTOR B2D04065D Datasheet HTML 5Page - BASIC SEMICONDUCTOR B2D04065D Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2D04065D Datasheet HTML 7Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
B2D04065D
SiC Schottky Diode
2 / 7
www.basicsemi.com
Maximum Ratings (T
C=25°C unless otherwise specified)
Thermal Characteristics
Symbol
Parameter
Value
Unit
Symbol
Parameter
Test conditions
Unit
Value
V
RRM
V
RSM
I
F
I
FSM
∫i 2dt
P
tot
T
j
T
stg
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Continuous forward current
Non-repetitive forward surge current
i2t value
Power dissipation
Operating junction temperature
Storage temperature
T
C=25°C
T
C=155°C
T
C=25°C
T
C=110°C
T
C=25°C, tp=10ms
T
C=25°C, tp=10ms
Half sine wave
650
650
32
5.12
15
4
61
26
-55~175
-55~175
V
V
A
A
A2S
W
°C
°C
Min.
Typ.
Max.
2.43
K/W
Thermal resistance from junction to case
R
th(jc)
Rev. 0.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com