Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2D04065D Datasheet(PDF) 6 Page - BASIC SEMICONDUCTOR

Part # B2D04065D
Description  SiC Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2D04065D Datasheet(HTML) 6 Page - BASIC SEMICONDUCTOR

  B2D04065D Datasheet HTML 1Page - BASIC SEMICONDUCTOR B2D04065D Datasheet HTML 2Page - BASIC SEMICONDUCTOR B2D04065D Datasheet HTML 3Page - BASIC SEMICONDUCTOR B2D04065D Datasheet HTML 4Page - BASIC SEMICONDUCTOR B2D04065D Datasheet HTML 5Page - BASIC SEMICONDUCTOR B2D04065D Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2D04065D Datasheet HTML 7Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5.75
E1
B2D04065D
SiC Schottky Diode
6 / 7
www.basicsemi.com
Package Dimensions
SYMBOL
MIN
NOM
MAX
mm
A
A1
1.27 BSC
4.22
-
b
c
D1
D2
E
E2
e
H
K
L
L1
0.63
L3
0.13
Q
α
1.10
0.05
0.51
0.30
5.00
3.96
6.10
5.80
2.86
0.61
2.20
0.73
0.20
0.35
4.32
12°
0.90
0
0.33
0.20
4.80
3.61
5.90
5.70
2.66
2.00
0.41
0.53
0.06
0.15
4.12
0°
1.00
0.41
0.25
4.90
3.81
6.00
2.76
0.51
2.10
0.25
-
b
A
D2
c
Q
e
D1
α
α
1
2
3
4
4
3
2
1
8
7
6
5
5
6
7
8
Rev. 0.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com