Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D90NH02L Datasheet(PDF) 3 Page - STMicroelectronics

Part # D90NH02L
Description  N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D90NH02L Datasheet(HTML) 3 Page - STMicroelectronics

  D90NH02L Datasheet HTML 1Page - STMicroelectronics D90NH02L Datasheet HTML 2Page - STMicroelectronics D90NH02L Datasheet HTML 3Page - STMicroelectronics D90NH02L Datasheet HTML 4Page - STMicroelectronics D90NH02L Datasheet HTML 5Page - STMicroelectronics D90NH02L Datasheet HTML 6Page - STMicroelectronics D90NH02L Datasheet HTML 7Page - STMicroelectronics D90NH02L Datasheet HTML 8Page - STMicroelectronics D90NH02L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STD90NH02L- STD90NH02L-1
Electrical ratings
3/16
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vspike
(1)
1.
Guaranted when external Rg= 4.7
Ω and Tf<Tfmax
Drain-source voltage rating
30
V
VDS
Drain-source voltage (VGS = 0)
24
V
VDGR
Drain-gate voltage (RGS = 20kΩ)24
V
VGS
Gate-source voltage
± 20
V
ID
(2)
2.
Value limited by wire bonding
Drain current (continuous) at TC = 25°C
60
A
ID
(2)
Drain current (continuous) at
TC = 100°C
60
A
IDM
(3)
3.
Pulse width limited by safe operating area
Drain current (pulsed)
240
A
PTOT
Total dissipation at TC = 25°C
95
W
Derating factor
0.63
W/°C
EAS
(4)
4.
Starting Tj =25°C, Id = 30A, Vdd = 15V
Single pulse avalanche energy
600
mJ
Tj
Tstg
Operating junction temperature
storage temperature
-55 to 175
°C
Table 2.
Thermal data
Rthj-case
Thermal resistance junction-case max
1.58
°C/W
Rthj-amb
Thermal resistance junction-to ambient max
100
°C/W
TJ
Maximum lead temperature for soldering purpose
275
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com