Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D90NH02L Datasheet(PDF) 4 Page - STMicroelectronics

Part # D90NH02L
Description  N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D90NH02L Datasheet(HTML) 4 Page - STMicroelectronics

  D90NH02L Datasheet HTML 1Page - STMicroelectronics D90NH02L Datasheet HTML 2Page - STMicroelectronics D90NH02L Datasheet HTML 3Page - STMicroelectronics D90NH02L Datasheet HTML 4Page - STMicroelectronics D90NH02L Datasheet HTML 5Page - STMicroelectronics D90NH02L Datasheet HTML 6Page - STMicroelectronics D90NH02L Datasheet HTML 7Page - STMicroelectronics D90NH02L Datasheet HTML 8Page - STMicroelectronics D90NH02L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STD90NH02L- STD90NH02L-1
4/16
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 25mA, VGS =0
24
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 20V
VDS = 20V, TC = 125°C
1
10
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
1
1.8
2.5
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 30A
VGS = 5V, ID = 15A
0.0052
0.007
0.006
0.011
Ω
Ω
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
Forward
transconductance
VDS = 10V, ID = 30A
40
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 15V, f = 1MHz,
VGS = 0
2850
800
120
pF
pF
pF
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 10V, ID = 30A
RG =4.7Ω VGS = 10V
(see Figure 13)
13
75
50
18
24.3
ns
ns
ns
ns
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 10V, ID = 60A,
VGS = 10V, RG =4.7Ω
(see Figure 14)
47.5
10
7
64
nC
nC
nC
Qoss
(2)
2.
Qoss.= Coss * ∆ Vin, Coss = Cgd + Cgd. See Chapter 4: Appendix A
Output charge
VDS =16V, VGS =0V
18.8
nC
Qgls
(3)
3.
Gate charge for synchronous operation
Third-quadrant gate
charge
VDS < 0V, VGS = 10V
44
nC
RG
Gate input resistance
f=1MHz Gate DC
Bias =0 Test Signal
Level =20mV
Open Drain
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com