Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2D08065K1 Datasheet(PDF) 5 Page - BASIC SEMICONDUCTOR

Part # B2D08065K1
Description  SiC Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2D08065K1 Datasheet(HTML) 5 Page - BASIC SEMICONDUCTOR

  B2D08065K1 Datasheet HTML 1Page - BASIC SEMICONDUCTOR B2D08065K1 Datasheet HTML 2Page - BASIC SEMICONDUCTOR B2D08065K1 Datasheet HTML 3Page - BASIC SEMICONDUCTOR B2D08065K1 Datasheet HTML 4Page - BASIC SEMICONDUCTOR B2D08065K1 Datasheet HTML 5Page - BASIC SEMICONDUCTOR B2D08065K1 Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2D08065K1 Datasheet HTML 7Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SiC Schottky Diode
5 / 7
www.basicsemi.com
Typical Performance
Typical reverse charge as function
of reverse voltage
Capacitance stored energy
Max. transient thermal impedance,
Z
thjc= f(t ), parameter: D =t / T
Power dissipation as function of
case temperature
Figure 5
Figure 6
Figure 8
Figure 7
B2D08065K1
Rev. 0.0
50
150
250
350
450
550
650
0
5
10
15
20
25
30
35
VR (V)
25
50
75
100
125
150
175
0
20
40
60
80
100
120
140
160
50
150
250
350
450
550
650
0
2
4
6
8
10
12
14
VR (V)
1E-6
1E-5
1E-4
0.001
0.01
0.1
1
0.001
0.01
0.1
1
tp (s)
D=0.5
D=0.3
D=0.1
D=0.05
D=0.02
D=0.01
Single Pulse
T
C(°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com