Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2D08065K1 Datasheet(PDF) 1 Page - BASIC SEMICONDUCTOR

Part # B2D08065K1
Description  SiC Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2D08065K1 Datasheet(HTML) 1 Page - BASIC SEMICONDUCTOR

  B2D08065K1 Datasheet HTML 1Page - BASIC SEMICONDUCTOR B2D08065K1 Datasheet HTML 2Page - BASIC SEMICONDUCTOR B2D08065K1 Datasheet HTML 3Page - BASIC SEMICONDUCTOR B2D08065K1 Datasheet HTML 4Page - BASIC SEMICONDUCTOR B2D08065K1 Datasheet HTML 5Page - BASIC SEMICONDUCTOR B2D08065K1 Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2D08065K1 Datasheet HTML 7Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2
1
SiC Schottky Diode
V
RRM
650 V
8 A
24 nC
I
F (TC=160°C)
Q
C
Package: TO-220-2
Product Summary
2
1
backside
Pin1 and backside - Cathode
Pin2 - Anode
Package Pin Definitions
Package Parameters
1 / 7
www.basicsemi.com
Part Number
Marking
Package
B2D08065K1
B2D08065K1
TO-220-2
Electrical Connection
Features
Benefits
Low leakage current (I
R)
Zero reverse recovery current
Temperature independent switching behavior
Positive temperature coefficient on V
F
High surge current capacity
Low capacitive charge
System cost savings due to smaller magnetics
System efficiency improvement over Si diodes
Reduction of heat sink requirements
Switch mode power supplies (SMPS)
Uninterruptible power supplies
Server/telecom power supplies
Power factor correction
Solar
Enabling higher frequency
Reduced EMI
Applications
Packing Quantities
B2D08065K1
Rev. 0.0
Tube Packing
PCS/Tube
Tube/Box
PCS/Box
10
500
50
TO-220-2


Similar Part No. - B2D08065K1

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
B2D08065K BASICSEMI-B2D08065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.3
B2D08065KS BASICSEMI-B2D08065KS Datasheet
594Kb / 7P
SiC Schottky Diode
Rev. 0.1
More results

Similar Description - B2D08065K1

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.4
B1D30065HC BASICSEMI-B1D30065HC Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 0.2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com