Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD98404 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD98404
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD98404 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD98404 Datasheet HTML 9Page - Renesas Technology Corp UPD98404 Datasheet HTML 10Page - Renesas Technology Corp UPD98404 Datasheet HTML 11Page - Renesas Technology Corp UPD98404 Datasheet HTML 12Page - Renesas Technology Corp UPD98404 Datasheet HTML 13Page - Renesas Technology Corp UPD98404 Datasheet HTML 14Page - Renesas Technology Corp UPD98404 Datasheet HTML 15Page - Renesas Technology Corp UPD98404 Datasheet HTML 16Page - Renesas Technology Corp UPD98404 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Data Sheet S11822EJ5V0DS
11
µµµµPD98404
(3/3)
Pin name
Pin No.
I/O level
I/O
Function
TxFP
14
TTL
O
Frame pulse signal output for the transmit side (8 kHz).
This pin
outputs a pulse signal at one-clock intervals in sync with the TCL
clock.
TFSS
13
TTL
I
Transmit frame output disable signal input. When the signal is high,
the transmit frame output stops. When the signal is low, transmission
starts from the beginning of a frame. The
µPD98404 samples this
signal at the rising edge of the TCL clock. The transmit frame output
is resumed at the ninth rising edge of the TCL clock after the rising
edge at which the high level of this signal was last detected.
RCL
75
TTL
O
Internal system clock output for the receive side (19.44 MHz). This
pin outputs the receive clock divided by 8. The source receive clock
depends on the selected mode, which is either the clock generated by
the internal clock recovery PLL or the clock supplied from the
RCIT/RCIC and RFC pins. Clock output from this pin is stopped while
the device is being reset.
TCL
15
TTL
O
Internal system clock output of the transmit side (19.44 MHz).
This pin outputs the transmit clock divided by 8. The source transmit
clock depends on the selected mode, which is either the clock
generated by the internal synthesizer or the clock supplied from the
TCIT/TCIC and TFC pins. Clock output from this pin is stopped while
the device is being reset.
1.2 ATM layer interface
(1/2)
Pin name
Pin No.
I/O level
I/O
Function
RDO0-
RDO7
130-137
TTL
O
(2 or 3-
state)
Receive data output.
These pins form an 8-bit data bus that outputs receive data to an ATM
layer device. The data is output in sync with the rising edge of the
RCLK clock. These pins operate in two or three states, depending on
the UTOPIA interface mode.
RCLK
128
TTL
I
Receive clock input. This pin supplies a clock of up to 40 MHz for
receive data transfer.
RSOC
126
TTL
O
(2 or 3-
state)
Receive cell start position signal output.
This pin outputs a signal indicating the position of the first byte of a
receive cell. This pin operates in two or three states, depending on
the UTOPIA interface mode.
RENBL_B
127
TTL
I
Receive enable signal input.
This pin inputs a signal indicating that the ATM layer is ready to
receive data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com