Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD98404 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD98404
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD98404 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD98404 Datasheet HTML 17Page - Renesas Technology Corp UPD98404 Datasheet HTML 18Page - Renesas Technology Corp UPD98404 Datasheet HTML 19Page - Renesas Technology Corp UPD98404 Datasheet HTML 20Page - Renesas Technology Corp UPD98404 Datasheet HTML 21Page - Renesas Technology Corp UPD98404 Datasheet HTML 22Page - Renesas Technology Corp UPD98404 Datasheet HTML 23Page - Renesas Technology Corp UPD98404 Datasheet HTML 24Page - Renesas Technology Corp UPD98404 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Data Sheet S11822EJ5V0DS
19
µµµµPD98404
Management Interface
(a) Internal register read
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Address setup time (to DS_B
↓ [RD_B↓])
tSADDS
10
ns
CS_B setup time (to DS_B
↓ [RD_B↓])
tSCSDS
59
× tCYTK
ns
R/W_B[WR_B] setup time
(to DS_B
↓ [RD_B↓])
tSRWDS
5ns
Address hold time (to DS_B
↑ [RD_B↑])
tHADDS
4ns
CS_B hold time (to DS_B
↑ [RD_B↑])
tHCSDS
0ns
R/W_B [WR_B] hold time
(to DS_B
↑ [RD_B↑])
tHRWDS
4ns
DS_B
↓ [RD_B↓] → ACK_B [RDY_B]
output delay time
tVAKDS
Load capacity = 50 pF
15
ns
DS_B
↓ [RD_B↓] → data output delay
time
tVDADS
Load capacity = 50 pF
20
ns
DS_B
↑ [RD_B↑] → ACK_B [RDY_B] float
delay time
tIAKDSR
Load capacity = 50 pF
5
30
ns
DS_B
↑ [RD_B↑] → data float delay time
tIDADS
Load capacity = 50 pF
15
45
ns
ACK
↓ → data output delay time
tDDAAK
Load capacity = 50 pF
10
ns
DS_B[RD_B] pulse width
Note
tWDS
50
ns
DS_B
↑[RD_B↑]→DS_B↓[RD_B↓]↓
recovery time
tDSINT
4
× tCYTK
ns
Note tWDS defines the time during which the
µPD98404 can recognize DS_B [RD_B] as a low level, and does not
define the pulse width of DS_B [RD_B] with which data can be accurately read.
The time required for the
µPD98404 to make ACK_B [RDY_B] low after DS_B [RD_B] has gone low differs
depending on the register to be accessed. Make DS_B [RD_B] high after confirming that ACK_B [RDY_B].
The time required for the
µPD98404 to make ACK_B [RDY_B] low after DS_B [RD_B] has gone low is “4 x
TCLK clock cycle (tCYTK)” at best. So that any register can be read without using ACK_B [RDY_B], widen
the pulse width of DS_B [RD_B] to at least to “4 x TCLK clock cycle”.
Remark
tCYTK is the cycle of the TCLK clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com