Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3530 Datasheet(PDF) 10 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 10 Page - ams AG

Back Button TCS3530 Datasheet HTML 6Page - ams AG TCS3530 Datasheet HTML 7Page - ams AG TCS3530 Datasheet HTML 8Page - ams AG TCS3530 Datasheet HTML 9Page - ams AG TCS3530 Datasheet HTML 10Page - ams AG TCS3530 Datasheet HTML 11Page - ams AG TCS3530 Datasheet HTML 12Page - ams AG TCS3530 Datasheet HTML 13Page - ams AG TCS3530 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 105 page
background image
Page 10
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Optical Characteristics
Wavelength Accuracy
The Channel Center Wavelength and Full-Width-Half-Max
Wavelength is measured in-line during filter deposition by
means of monitor glasses placed next to the wafers (Test
Level 3).
Figure 10:
Channel Center Wavelength
Figure 11:
Channel Full Width Half Max Wavelength (FWHM)
Parameter
Conditions
Min
Typ
Max
Unit
Test
Level
X1
Measured in-line with calibrated
monochromator using transparent
monitor glasses and placed behind a
diffuser.
426
436
446
nm
3
X2
584
594
604
Y
545
555
565
Z
435
445
455
HgL
509
519
529
HgH
535
545
555
Parameter
Conditions
Min
Typ
Max
Unit
Test
Level
X1_low
Measured in-line with calibrated
monochromator using transparent
monitor glasses and placed behind a
diffuser.
410
420
430
nm
3
X2_low
538
548
558
Y_low
498
508
518
Z_low
411
421
431
HgL_low
498
508
518
HgH_low
525
535
545
X1_high
455
465
475
X2_high
622
632
642
Y_high
603
613
623
Z_high
466
476
486
HgL_high
521
531
541
HgH_high
547
557
567



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com