Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3530 Datasheet(PDF) 14 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 14 Page - ams AG

Back Button TCS3530 Datasheet HTML 10Page - ams AG TCS3530 Datasheet HTML 11Page - ams AG TCS3530 Datasheet HTML 12Page - ams AG TCS3530 Datasheet HTML 13Page - ams AG TCS3530 Datasheet HTML 14Page - ams AG TCS3530 Datasheet HTML 15Page - ams AG TCS3530 Datasheet HTML 16Page - ams AG TCS3530 Datasheet HTML 17Page - ams AG TCS3530 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 105 page
background image
Page 14
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Typical Operating Characteristics
Figure 16:
Normalized Spectral Responsivity
Note(s):
1. The spectral responsivities shown in the figure are measured under a diffuser and normalized.
Figure 17:
Sensor Field Array
Typical Operating
Characteristics
0%
20%
40%
60%
80%
100%
120%
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
λ wavelength [nm]
Normalized Photo Diode Response
X (MOD0)
Y (MOD1)
Z (MOD2)
IR (MOD3)
HgL (MOD4)
HgH (MOD5)
CLEAR (MOD6)
FLICKER (MOD7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com