Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6730 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6730 Datasheet HTML 22Page - STMicroelectronics L6730 Datasheet HTML 23Page - STMicroelectronics L6730 Datasheet HTML 24Page - STMicroelectronics L6730 Datasheet HTML 25Page - STMicroelectronics L6730 Datasheet HTML 26Page - STMicroelectronics L6730 Datasheet HTML 27Page - STMicroelectronics L6730 Datasheet HTML 28Page - STMicroelectronics L6730 Datasheet HTML 29Page - STMicroelectronics L6730 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
Device description
L6730 - L6730B
26/52
If the current is higher than the valley OCP threshold during the off-time, the high-side
MOSFET(s) will not be turned ON. In this way the maximum current can be limited (Figure 21.).
During the constant-current-protection if the Vout becomes lower than 80% of the programmed
value an UV (under-voltage) is detected and the device enters in HICCUP mode. The under-
voltage-lock-out (UVLO) is adjustable by the multifunction pin (see Chapter 5.10 on page 27).
It’s possible to set two different thresholds:
●
4.2V for 5V Bus
●
8.6V for 12V Bus
Working with a 12V BUS, setting the UVLO at 8.6V can be very helpful to limit the input current
in case of BUS fall.
5.9
Adjustable masking time
By connecting the masking time pin to VCCDR or GND it is possible to select two different values
for the peak current protection leading edge blanking time. This is useful to avoid any false OCP
trigger due to spikes and oscillations generated at the turn-on of the high-side MOSFET(s). The
amount of this noise depends very much on the layout, MOSFETs, free-wheeling diode,
switched current, and input voltage.
When good layout and medium current are used, the minimum masking time can be chosen,
while in case of higher noise, it is better to select the maximum masking time. By connecting
the tMASK pin to VCCDR the masking time is about 400ns, while connecting it to GND results in
about 260ns masking time.
Figure 21. Valley OCP (L6730B).
VOUT
IL
TOFF
TOFF
Valley th



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com