Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6730 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6730 Datasheet HTML 32Page - STMicroelectronics L6730 Datasheet HTML 33Page - STMicroelectronics L6730 Datasheet HTML 34Page - STMicroelectronics L6730 Datasheet HTML 35Page - STMicroelectronics L6730 Datasheet HTML 36Page - STMicroelectronics L6730 Datasheet HTML 37Page - STMicroelectronics L6730 Datasheet HTML 38Page - STMicroelectronics L6730 Datasheet HTML 39Page - STMicroelectronics L6730 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
Application details
L6730 - L6730B
36/52
Compensation network design:
Put the gain R5/R3 in order to obtain the desired converter bandwidth
Place
ωZ1 before the output filter resonance ωLC;
Place
ωZ2 at the output filter resonance ωLC;
Place
ωP1 at the output capacitor ESR zero ωESR;
Place
ωP2 at one half of the switching frequency;
Check the loop gain considering the error amplifier open loop gain.
6.5
Two quadrant or one quadrant operation mode (L6730)
After the soft-start phase the L6730 can work in source only (one quadrant operation mode) or
in sink/source (two quadrant operation mode), depending on the setting of the multifunction pin
(see Chapter 5.10 on page 27). The choice of one or two quadrant operation mode is related to
the application. One quadrant operation mode permits to have a higher efficiency at light load,
because the converter works in discontinuous mode (see Figure 30.). Nevertheless in some
cases, in order to maintain a constant switching frequency, it’s preferable to work in two
quadrants, even at light load. In this way the reduction of the switching frequency due to the
pulse skipping is avoided. To parallel two or more modules is requested the one quadrant
operation in order not to have current sinking between different converters. Finally the two
quadrant operation allows faster recovers after negative load transient. For example, let’s
consider that the load current falls down from IOUT to 0A with a slew rate sufficiently greater
than L/VOUT (where L is the inductor value). Even considering that the converter reacts
instantaneously setting to 0% the duty-cycle, the energy ½*L*IOUT
2 stored in the inductor will be
transferred to the output capacitors, increasing the output voltage. If the converter can sink
current this overvoltage can be faster eliminated.
Figure 29. Asymptotic Bode plot of Converter's open loop gain
LC
C
Vosc
Vin
R
R
ϖ
ϖ
=
3
5
(18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com