Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9191AJ Datasheet(PDF) 22 Page - Micro Analog systems

Part # MAS9191AJ
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191AJ Datasheet(HTML) 22 Page - Micro Analog systems

Back Button MAS9191AJ Datasheet HTML 18Page - Micro Analog systems MAS9191AJ Datasheet HTML 19Page - Micro Analog systems MAS9191AJ Datasheet HTML 20Page - Micro Analog systems MAS9191AJ Datasheet HTML 21Page - Micro Analog systems MAS9191AJ Datasheet HTML 22Page - Micro Analog systems MAS9191AJ Datasheet HTML 23Page - Micro Analog systems MAS9191AJ Datasheet HTML 24Page - Micro Analog systems MAS9191AJ Datasheet HTML 25Page - Micro Analog systems MAS9191AJ Datasheet HTML 26Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
22
DA9191A.000
July 31, 1997
FUNCTIONS
◆ Registers
Address
I/O
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00HEX
Write
0
0
M2[1:0]
GC3[3:0]
01HEX
Write
0
S20
S19
S16
S15
S14
S13
S12
02HEX
Write
0
RXTST[1:0]
S9
S11
S10
M1[1:0]
03HEX
Write
S8
S7
S6
S5
GC2[3:0]
04HEX
Write
0
Vref[2:0]
0
0
0
0
(84HEX)
Read
X
X
X
X
DTMF[3:0]
05HEX
Write
0
0
LOWF[5:0]
06HEX
Write
HIGHF[7:0]
07HEX
Write
XPDDAC3
XPDDAC2
XPDDAC1
RXSIP
TXSIP
AUDIOP
DTMFRP
DTMFTP
0AHEX
Write
GC4[3:0]
GC5[3:0[
0BHEX
Write
GC7[3:0]
GC6[3:0]
0CHEX
Write
0
0
0
TXTST
GC9[3:0]
0DHEX
Write
0
S18
S17
DTX
GC8[3:0]
0EHEX
Write
S4
S3
S2
S1
GC1[3:0]
10HEX (90HEX)
Read
X
X
SATINT
TXCOL
TXWRD
RXWRD
STD
11HEX (11HEX)
Read
X
BCHERR
BUSY
TXON
WSYNC
DOT
SATDET
X
12HEX
Write
SATEN
SYS0
STR
RXRST
TXRST
TXCTRE
CTCV
STON
13HEX
Write
SATINTE
STDE
RXINTE
AUMUT
INVRX
INVTX
DCC[1:0]
14HEX
Write
NOMSAT
SYS1
0
0
0
0
SCC[1:0]
15HEX (95HEX)
Read
1ST RX[0:7]
AMPS
2ND RX[8:15]
3RD RX[16:23]
4TH RX[24:27]
0
0
0
0
15HEX (95HEX)
Read
8 bits of captured data after comparator with shift register clocked at 400Hz
NAMPS
16HEX
Write
DAC1[7:0]
17HEX
Write
DAC2[7:0]
18HEX
Write
DAC3[7:0]
19HEX
Write
1ST TX[0:7]
AMPS
2ND TX[8:15]
3RD TX[16:23]
4TH TX[24:31]
5TH TX[32:35]
0
0
0
0
19HEX
Write
8 bit sequence to be transmitted with shift register clocked at 200Hz
NAMPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com