Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9191AJ Datasheet(PDF) 25 Page - Micro Analog systems

Part # MAS9191AJ
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191AJ Datasheet(HTML) 25 Page - Micro Analog systems

Back Button MAS9191AJ Datasheet HTML 21Page - Micro Analog systems MAS9191AJ Datasheet HTML 22Page - Micro Analog systems MAS9191AJ Datasheet HTML 23Page - Micro Analog systems MAS9191AJ Datasheet HTML 24Page - Micro Analog systems MAS9191AJ Datasheet HTML 25Page - Micro Analog systems MAS9191AJ Datasheet HTML 26Page - Micro Analog systems MAS9191AJ Datasheet HTML 27Page - Micro Analog systems MAS9191AJ Datasheet HTML 28Page - Micro Analog systems MAS9191AJ Datasheet HTML 29Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
25
DA9191A.000
July 31, 1997
FUNCTIONS
Register 04HEX (bits 7-4 write only, bits 3-0 read only)
Bit
Name
State
Function
3-0
DTMF[3:0]
0001
‘1’ Tone detected
0010
‘2’ Tone detected
0011
‘3’ Tone detected
0100
‘4’ Tone detected
0101
‘5’ Tone detected
0110
‘6’ Tone detected
0111
‘7’ Tone detected
1000
‘8’ Tone detected
1001
‘9’ Tone detected
1010
‘0’ Tone detected
1011
‘*’ Tone detected
1100
‘#’ Tone detected
1101
‘A’ Tone detected
1110
‘B’ Tone detected
1111
‘C’ Tone detected
0000
‘D’ Tone detected
6-4
Vref[2:0]
Internal reference voltage adjustment
000
+0.75dB
001
+0.50dB
010
+0.25dB
011
0.00dB default value
100
-0.25dB
101
-0.50dB
110
-0.75dB
111
-1.00dB
7
reserved
0
reserved for future use, set to 0
Register 05HEX (write only)
Bit
Name
State
Function
5-0
LOWF[5:0]
00H-3FH
Transmitted low frequency DTMF tone
Nominal
Real frequency
000000
No signal
No signal
100110
697 Hz
695.8 Hz
101010
770 Hz
769.0 Hz
101111
852 Hz
860.6 Hz
110011
941 Hz
933.8 Hz
7-6
reserved
00
reserved for future use, set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com