Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9270CTG1 Datasheet(PDF) 9 Page - Micro Analog systems

Part # MAS9270CTG1
Description  IC FOR 10.00 - 30.00 MHz VCTCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9270CTG1 Datasheet(HTML) 9 Page - Micro Analog systems

  MAS9270CTG1 Datasheet HTML 1Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 2Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 3Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 4Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 5Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 6Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 7Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 8Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DA9270.008
11 September 2006
9 (9)
ORDERING INFORMATION
Product Code
Product
Package
Comments
MAS9270CTB1
VCTCXO IC 2.7 V
EWS Tested wafers 480 µm
Die Size 2.204 x 1.584 mm
MAS9270CTG1
VCTCXO IC 2.7 V
EWS Tested wafers 215 µm
Die Size 2.204 x 1.584 mm
MAS9270CASN06
VCTCXO IC 2.7 V
Green MSOP-10, Pb Free,
RoHS Compliant/Top Marking CA
Tape & Reel, 5.000 pcs/reel
MAS9270CTB2
VCTCXO IC 2.6 V
EWS Tested wafers 480 µm
Die Size 2.204 x 1.584 mm
MAS9270CTG2
VCTCXO IC 2.6 V
EWS Tested wafers 215 µm
Die Size 2.204 x 1.584 mm
MAS9270C2SN06
VCTCXO IC 2.6 V
Green MSOP-10, Pb Free,
RoHS Compliant /Top Marking C2
Tape & Reel, 5.000 pcs/reel
MAS9270CTB3
VCTCXO IC –40 °C
EWS Tested wafers 480 µm
Die Size 2.204 x 1.584 mm
MAS9270CTG3
VCTCXO IC –40 °C
EWS Tested wafers 215 µm
Die Size 2.204 x 1.584 mm
MAS9270C3SN06
VCTCXO IC –40 °C
Green MSOP-10, Pb Free,
RoHS Compliant /Top Marking C3
Tape & Reel, 5.000 pcs/reel
Please contact Micro Analog Systems Oy for other wafer thickness options.
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kamreerintie 2, P.O. Box 51
FIN-02771 Espoo, FINLAND
Tel. +358 9 80 521
Fax +358 9 805 3213
http://www.mas-oy.com
NOTICE
Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or
performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits
shown in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no
claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and
Micro Analog Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or
modification.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com