Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9270CTG1 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9270CTG1
Description  IC FOR 10.00 - 30.00 MHz VCTCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9270CTG1 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9270CTG1 Datasheet HTML 1Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 2Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 3Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 4Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 5Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 6Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 7Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 8Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DA9270.008
11 September 2006
1 (9)
MAS9270
IC FOR 10.00 – 30.00 MHz VCTCXO
•
Wide Supply Voltage Range
•
True Sine Wave Output
•
Very High Level of Integration
•
Electrically Trimmable
•
Very Low Phase Noise
•
Low Cost
•
Minimum Operating Temperature –40 °C
DESCRIPTION
The MAS9270 is an integrated circuit well suited to
build
VCTCXO
for
mobile
communication.
Temperature calibration is achieved in three
calibration temperatures only. The trimming is done
through a serial bus and the calibration information
is stored in an internal PROM. This means no
rework for trimming is needed.
To build a VCTCXO additionally only crystal is
required. The compensation method is fully analog,
working continuously without generating any steps
or other interference.
FEATURES
APPLICATIONS
•
Very small size
•
Minor current draw
•
Wide operating temperature range
•
Phase noise <-120 dBc/Hz at 100Hz offset
•
Programmable VC-sensitivity
•
Minimum Operating Temperature –40 °C for
MAS9270Cxx3
•
VCTCXO for mobile phones
•
VCTCXO for other telecommunications
systems
BLOCK DIAGRAM
T
Vref
TMux
Σ
DA
CLK
PV
VSS
VC
VDD
4
4
f(T)
f(T)
4
8
CUB
INF
SENS
LIN
8
CDAC1
CDAC2
TE1
TE2
X2
OUT
X1
2
MAS9270


Similar Part No. - MAS9270CTG1

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9271 MAS-MAS9271 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
MAS9271A1TG00 MAS-MAS9271A1TG00 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
MAS9275 MAS-MAS9275 Datasheet
223Kb / 10P
IC FOR 10.00 - 36.00 MHz VCXO
MAS9275A1SM06 MAS-MAS9275A1SM06 Datasheet
223Kb / 10P
IC FOR 10.00 - 36.00 MHz VCXO
MAS9275A1TG00 MAS-MAS9275A1TG00 Datasheet
223Kb / 10P
IC FOR 10.00 - 36.00 MHz VCXO
More results

Similar Description - MAS9270CTG1

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9275 MAS-MAS9275 Datasheet
223Kb / 10P
IC FOR 10.00 - 36.00 MHz VCXO
MAS1178 MAS-MAS1178 Datasheet
57Kb / 5P
IC FOR 10.00 - 20.00 MHz VCXO
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS9271 MAS-MAS9271 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
MAS9276 MAS-MAS9276 Datasheet
125Kb / 8P
IC for 10.00 - 30.00 MHz VCTCXO
MAS9278 MAS-MAS9278 Datasheet
68Kb / 5P
IC for 10.00 - 30.00 MHz VCXO
MAS9279 MAS-MAS9279 Datasheet
177Kb / 10P
IC FOR 10.00 - 52.00 MHz VCTCXO
MAS9281 MAS-MAS9281 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
MAS9283 MAS-MAS9283 Datasheet
199Kb / 14P
IC FOR 10.00 - 56.00 MHz VCXO
MAS9278 MAS-MAS9278_10 Datasheet
58Kb / 5P
IC for 10.00 ??30.00 MHz VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com