Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F400BT Datasheet(PDF) 20 Page - STMicroelectronics

Part # M29F400BT
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400BT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M29F400BT Datasheet HTML 16Page - STMicroelectronics M29F400BT Datasheet HTML 17Page - STMicroelectronics M29F400BT Datasheet HTML 18Page - STMicroelectronics M29F400BT Datasheet HTML 19Page - STMicroelectronics M29F400BT Datasheet HTML 20Page - STMicroelectronics M29F400BT Datasheet HTML 21Page - STMicroelectronics M29F400BT Datasheet HTML 22Page - STMicroelectronics M29F400BT Datasheet HTML 23Page - STMicroelectronics M29F400BT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Command interface
M29F400BT, M29F400BB
20/40
The Command Interface only uses A–1, A0-A10 and DQ0-DQ7 to verify the commands;
A11-A17, DQ8-DQ14 and DQ15 are Don’t Care. DQ15A–1 is A–1 when BYTE is VIL or
DQ15 when BYTE is VIH.
4.11
Read/Reset
After a Read/Reset command, read the memory as normal until another command is
issued.
4.12
Auto Select
After an Auto Select command, read Manufacturer ID, Device ID or Block Protection Status.
4.13
Program, Unlock Bypass Program, Chip Erase, Block Erase
After these commands read the Status Register until the Program/Erase Controller
completes and the memory returns to Read Mode. Add additional Blocks during Block
Erase Command with additional Bus Write Operations until Timeout Bit is set.
Table 5.
Commands, 8-bit mode, BYTE = VIL
(1) (2)
1.
X = Don’t Care, PA = Program Address, PD = Program Data, BA = Any address in the Block.
2.
All values are in hexadecimal.
Command
Bus Write Operations
1st
2nd
3rd
4th
5th
6th
Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data
Read/Reset
1X
F0
3
AAA
AA
555
55
X
F0
Auto Select
3
AAA
AA
555
55
AAA
90
Program
4
AAA
AA
555
55
AAA
A0
PA
PD
Unlock Bypass
3
AAA
AA
555
55
AAA
20
Unlock Bypass
Program
2
X
A0
PA
PD
Unlock Bypass
Reset
2X
90
X
00
Chip Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
AAA
10
Block Erase
6+ AAA
AA
555
55
AAA
80
AAA
AA
555
55
BA
30
Erase Suspend
1
X
B0
Erase Resume
1
X
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com