Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F400BT Datasheet(PDF) 31 Page - STMicroelectronics

Part # M29F400BT
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400BT Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M29F400BT Datasheet HTML 27Page - STMicroelectronics M29F400BT Datasheet HTML 28Page - STMicroelectronics M29F400BT Datasheet HTML 29Page - STMicroelectronics M29F400BT Datasheet HTML 30Page - STMicroelectronics M29F400BT Datasheet HTML 31Page - STMicroelectronics M29F400BT Datasheet HTML 32Page - STMicroelectronics M29F400BT Datasheet HTML 33Page - STMicroelectronics M29F400BT Datasheet HTML 34Page - STMicroelectronics M29F400BT Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
M29F400BT, M29F400BB
DC and AC parameters
31/40
Figure 8.
Read mode AC waveforms
Table 12.
Read AC characteristics(1)
1.
TA = 0 to 70°C, –40 to 85°C or –40 to 125°C
Symbol
Alt
Parameter
Test
Condition
M29F400B
Unit
45
55
70 / 90
tAVAV
tRC
Address Valid to Next Address
Valid
E = VIL,
G = VIL
Min
45
55
70
ns
tAVQV
tACC Address Valid to Output Valid
E = VIL,
G = VIL
Max
45
55
70
ns
tELQX
(2)
2.
Sampled only, not 100% tested.
tLZ
Chip Enable Low to Output
Transition
G = VIL
Min
0
0
0
ns
tELQV
tCE
Chip Enable Low to Output Valid
G = VIL Max
45
55
70
ns
tGLQX
(2)
tOLZ
Output Enable Low to Output
Transition
E = VIL
Min
0
0
0
ns
tGLQV
tOE
Output Enable Low to Output Valid
E = VIL
Max
25
30
30
ns
tEHQZ
(2)
tHZ
Chip Enable High to Output Hi-Z
G = VIL Max
15
18
20
ns
tGHQZ
(2)
tDF
Output Enable High to Output Hi-Z
E = VIL
Max
15
18
20
ns
tEHQX
tGHQX
tAXQX
tOH
Chip Enable, Output Enable or
Address Transition to Output
Transition
Min
0
0
0
ns
tELBL
tELBH
tELFL
tELFH
Chip Enable to BYTE Low or High
Max
5
5
5
ns
tBLQZ
tFLQZ BYTE Low to Output Hi-Z
Max
15
15
20
ns
tBHQV
tFHQV BYTE High to Output Valid
Max
30
30
30
ns
AI02907
tAVAV
tAVQV
tAXQX
tELQX
tEHQZ
tGLQV
tGLQX
tGHQX
VALID
A0-A17/
A–1
G
DQ0-DQ7/
DQ8-DQ15
E
tELQV
tEHQX
tGHQZ
VALID
tBHQV
tELBL/tELBH
tBLQZ
BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com