Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS321 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS321
Description  Low Power Single Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS321 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS321_05 Datasheet HTML 4Page - STMicroelectronics TS321_05 Datasheet HTML 5Page - STMicroelectronics TS321_05 Datasheet HTML 6Page - STMicroelectronics TS321_05 Datasheet HTML 7Page - STMicroelectronics TS321_05 Datasheet HTML 8Page - STMicroelectronics TS321_05 Datasheet HTML 9Page - STMicroelectronics TS321_05 Datasheet HTML 10Page - STMicroelectronics TS321_05 Datasheet HTML 11Page - STMicroelectronics TS321_05 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TS321
Macromodel
9/12
Figure 7.
ICC = f(t)
Figure 8.
AC coupled inverting amplifier
Figure 9.
Non-inverting DC gain
Figure 10. AC coupled non-inverting amplifier
Figure 11. DC summing amplifier
~
0
2VPP
R
10kW
L
Co
eo
R
6.2kW
B
R
100kW
f
R1
10kW
CI
eI
VCC
R2
100kW
C1
10mF
R3
100kW
A = -
R
R1
V
f
(as shown A = -10)
V
R1
10kW
R2
1MW
1/4
TS324
10kW
eI
eO +5V
(mV)
0
AV= 1 + R2
R1
(As shown
= 101)
AV
~
0
2VPP
R
10kW
L
Co
eo
R
6.2kW
B
C1
0.1mF
eI
VCC
(as shown A = 11)
V
A = 1 + R2
R1
V
R1
100kW
R2
1MW
CI
R3
1MW
R4
100kW
R5
100kW
C2
10mF
eO
e 4
e 3
e 2
e 1
100kW
100kW
100kW
100kW
100kW
100kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com