Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS321 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS321
Description  Low Power Single Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS321 Datasheet(HTML) 1 Page - STMicroelectronics

  TS321_05 Datasheet HTML 1Page - STMicroelectronics TS321_05 Datasheet HTML 2Page - STMicroelectronics TS321_05 Datasheet HTML 3Page - STMicroelectronics TS321_05 Datasheet HTML 4Page - STMicroelectronics TS321_05 Datasheet HTML 5Page - STMicroelectronics TS321_05 Datasheet HTML 6Page - STMicroelectronics TS321_05 Datasheet HTML 7Page - STMicroelectronics TS321_05 Datasheet HTML 8Page - STMicroelectronics TS321_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
December 2005
Rev. 4
1/12
12
TS321
Low Power Single Operational Amplifier
Large output voltage swing:
0 to 3.5V min. (@VCC = 5V)
Low supply current: 500µA
Low input bias current: 20nA
Low input offset voltage: 2mV max.
Wide power supply range:
Single supply: +3V to +30V
Dual supplies: ±1.5V to ±15V
Stable with high capacitive loads
Description
The TS321 is intended for cost-sensitive
applications where space saving is of great
importance. This bipolar op-amp offers the
benefits of a reduced component size (SOT23-5
package), with specifications that match (or are
better) industry standard devices (like the popular
LM358A, LM324, etc.). The TS321 has an input
common mode range (Vicm) that includes ground,
and therefore can be employed in single supply
applications.
Order Codes
D
SO-8
(Plastic Micropackage
L
SOT23-5
(Plastic Package)
Pin connections (top view)
1
2
3
45
6
7
8
-
+
N.C.
Inverting input
Non-inverting input
VCC
Output
-
VCC+
N.C.
N.C.
1
2
3
4
5
Inverting input
Non-inverting input
Output
VCC -
VCC+
Part Number
Temperature
Range
Package
Packaging
Marking
TS321ILT
-40°C, +125°C
SOT23-5L
Tape & Reel
K401
TS321ID/IDT
SO8
Tube or Tape & Reel
321I
TS321AILT
SOT23-5L
Tape & Reel
K402
TS321AID/AIDT
SO8
Tube or Tape & Reel
321AI
TS321IYLT
SOT23-5L (automotive grade level)
Tape & Reel
K406
TS321AIYLT
TS321IYD/IYDT
SO-8 (automotive grade level)
Tube or Tape & Reel
TS321AIYD/AIYDT
www.st.com


Similar Part No. - TS321_05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321_07 Datasheet
186Kb / 12P
Low power single operational amplifier
08-Nov-2007
TS321 STMICROELECTRONICS-TS321_08 Datasheet
181Kb / 13P
Low power single operational amplifier
08-Jul-2008
More results

Similar Description - TS321_05

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343 Datasheet
114Kb / 7P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI-TS321 Datasheet
259Kb / 8P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343_06 Datasheet
124Kb / 8P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS321 TSC-TS321 Datasheet
291Kb / 6P
Low Power Single Operational Amplifier
logo
Texas Instruments
TS321 TI-TS321_10 Datasheet
368Kb / 11P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI1-TS321 Datasheet
1Mb / 21P
Low-Power Single Operational Amplifier
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com