Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9280A3SM06 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS9280A3SM06
Description  IC FOR 18.00 - 40.00 MHz VCTCXO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9280A3SM06 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS9280A3SM06 Datasheet HTML 1Page - Micro Analog systems MAS9280A3SM06 Datasheet HTML 2Page - Micro Analog systems MAS9280A3SM06 Datasheet HTML 3Page - Micro Analog systems MAS9280A3SM06 Datasheet HTML 4Page - Micro Analog systems MAS9280A3SM06 Datasheet HTML 5Page - Micro Analog systems MAS9280A3SM06 Datasheet HTML 6Page - Micro Analog systems MAS9280A3SM06 Datasheet HTML 7Page - Micro Analog systems MAS9280A3SM06 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DA9280.003
13 July 2006
5 (8)
PACKAGE (MSOP-10) OUTLINE
Symbol
Min
Nom
Max
Unit
A
--
--
1.10
mm
A1
0.00
--
0.15
mm
A2
0.75
0.85
0.95
mm
b
0.15
--
0.30
mm
b1
0.15
---
0.25
mm
c
0.08
0.23
mm
c1
0.08
0.18
mm
D
3.00 BSC
mm
E
4.90 BSC
mm
E1
3.00 BSC
mm
e
0.50 BSC
mm
F
4.8
mm
G
0.50
mm
L
(Terminal length for
soldering)
0.40
0.60
0.80
mm
L1
0.95 REF
L2
0.25 BSC
mm
M
0.41
mm
N
1.02
mm
S
0.50
Mm
Dimensions do not include mold or interlead flash, protrusions or gate burrs.
Reference Standard : JEDEC MO-187 BA.
b1
B
(b)
c
c1
F
G
M
N
Land
Pattern
Recommendation
See Detail A
Detail A
5-15 Degrees
Gauge Plane
Seating Plane
0 - 8 Degrees
B
E
L1
L
L2
D
A
A1
E1
e
S
E1
A2
E
A
A
Section B - B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com